Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9137MUV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD9137MUV-E2
Description  Synchronous Buck Converter with Integrated FET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9137MUV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD9137MUV-E2 Datasheet HTML 7Page - Rohm BD9137MUV-E2 Datasheet HTML 8Page - Rohm BD9137MUV-E2 Datasheet HTML 9Page - Rohm BD9137MUV-E2 Datasheet HTML 10Page - Rohm BD9137MUV-E2 Datasheet HTML 11Page - Rohm BD9137MUV-E2 Datasheet HTML 12Page - Rohm BD9137MUV-E2 Datasheet HTML 13Page - Rohm BD9137MUV-E2 Datasheet HTML 14Page - Rohm BD9137MUV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
BD9137MUV
11/22
TSZ02201-0J3J0AJ00160-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
20.Nov.2014 Rev.003
4. Switching Regulator Efficiency
Efficiency ŋ may be expressed by the equation shown below:
Efficiency may be improved by reducing the switching regulator power dissipation factors Pd
α as follows:
Dissipation factors:
(1)
ON-Resistance Dissipation of Inductor and FET:Pd(I2R)
where:
RCOIL is the DC of inductor.
RON is the ON-Resistance of FET.
IOUT is the output current.
(2)
Gate Charge/Discharge Dissipation:Pd(Gate)
where:
Cgs is the gate capacitance of FET.
f is the switching frequency.
V is the gate driving voltage of FET.
(3)
Switching Dissipation:Pd(SW)
where:
CRSS is the reverse transfer capacitance of FET.
IDRIVE is the peak current of gate.
(4)
ESR Dissipation of Capacitor:Pd(ESR)
where:
IRMS is the ripple current of capacitor.
ESR is the equivalent series.
(5)
Operating Current Dissipation of IC:Pd(IC)
where:
ICC is the circuit current.
 
%
100
100
100
Pd
P
P
P
P
I
V
I
V
OUT
OUT
IN
OUT
IN
IN
OUT
OUT
 
ON
COIL
OUT
R
R
I
R
I
Pd
2
2
 
DRIVE
OUT
RSS
IN
I
f
I
C
V
SW
Pd
2
ESR
I
ESR
Pd
RMS
2
 
CC
IN
I
V
IC
Pd
2
V
f
C
Gate
Pd
gs


Similar Part No. - BD9137MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
BD9137MUV ROHM-BD9137MUV Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9137MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com