Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9227F Datasheet(PDF) 4 Page - Rohm

Part # BD9227F
Description  PWM Buck Converter Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9227F Datasheet(HTML) 4 Page - Rohm

  BD9227F Datasheet HTML 1Page - Rohm BD9227F Datasheet HTML 2Page - Rohm BD9227F Datasheet HTML 3Page - Rohm BD9227F Datasheet HTML 4Page - Rohm BD9227F Datasheet HTML 5Page - Rohm BD9227F Datasheet HTML 6Page - Rohm BD9227F Datasheet HTML 7Page - Rohm BD9227F Datasheet HTML 8Page - Rohm BD9227F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4/25
TSZ02201-0252AAJ00010-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
8.Jun.2016 Rev.001
www.rohm.com
TSZ22111
・15・001
BD9227F
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
VCC to GND
VCC
-0.3 to +22
V
VB to GND
VB
-0.3 to +22
V
LX to GND
VLX
-2.0 to +22
V
VCC to LX
⊿V
LX
-0.3 to +22
V
VCC to VB
⊿V
B
-0.3 to +7
V
COMP to GND
VCOMP
-0.3 to +7
V
NON to GND
VNON
-0.3 to +7
V
FB to GND
VFB
-0.3 to +7
V
PWM to GND
VPWM
-0.3 to +7
V
High-Side FET Drain Current
IDH
OCP
A
Power Dissipation
Pd
0.633
(Note 1)
W
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Junction Temperature
Tjmax
150
°C
(Note 1)
During mounting of 114.3×76.2×1.57
t mm 1layer board.Reduce by 5.07mW for every 1
℃ increase. (Above 25℃)
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Thermal Resistance
(Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s
(Note 3)
2s2p
(Note 4)
SOP8
Junction to Ambient
θJA
197.4
109.8
°C/W
Junction to Top Characterization Parameter
(Note 2)
ΨJT
21
19
°C/W
(Note 1) Based on JESD51-2A(Still-Air)
(Note 2) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note3) Using a PCB board based on JESD51-3
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70
μm
(Note 4) Using a PCB board based on JESD51-7
Layer Number of
Measurement Board
Material
Board Size
Thermal Via
(Note 5)
Pitch
Diameter
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
1.20mm
Φ0.30mm
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70
μm
74.2mm x 74.2mm
35
μm
74.2mm x 74.2mm
70
μm
(Note 5) This thermal via connects with the copper pattern of all layers


Similar Part No. - BD9227F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9221F ROHM-BD9221F Datasheet
111Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD9227F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
BD9325FJ-LB ROHM-BD9325FJ-LB Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com