Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9327EFJ-LBE2 Datasheet(PDF) 9 Page - Rohm

Part # BD9327EFJ-LBE2
Description  Buck Converter with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9327EFJ-LBE2 Datasheet(HTML) 9 Page - Rohm

Back Button BD9327EFJ-LBE2 Datasheet HTML 5Page - Rohm BD9327EFJ-LBE2 Datasheet HTML 6Page - Rohm BD9327EFJ-LBE2 Datasheet HTML 7Page - Rohm BD9327EFJ-LBE2 Datasheet HTML 8Page - Rohm BD9327EFJ-LBE2 Datasheet HTML 9Page - Rohm BD9327EFJ-LBE2 Datasheet HTML 10Page - Rohm BD9327EFJ-LBE2 Datasheet HTML 11Page - Rohm BD9327EFJ-LBE2 Datasheet HTML 12Page - Rohm BD9327EFJ-LBE2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
BD9325FJ-LB
BD9326EFJ-LB
BD9327EFJ-LB
2.
Selecting Application Components
(1) Output LC Constant (Buck Converter)
The inductance L to be used for the output is decided by the current rating ILR and maximum input current value IOMAX
of the inductor.
Figure 18
Figure 19
Adjust IOMAX
+∆IL/2 so that it won’t reach the current rating value ILR. At this time, ∆IL can be obtained by the following
equation.
Set with sufficient margin because the inductance L value may have a tolerance of ± 30%.
For output capacitor C, select a capacitor which has the larger value in the ripple voltage VPP permissible value and
the drop voltage permissible value at the time of sudden load change.
Output ripple voltage is decided by the following equation.
Perform setting so that the voltage is within the permissible ripple voltage range.
For the drop voltage VDR during sudden load change, please perform the rough calculation by the following equation.
However, 10μs is the rough calculation value of the DC/DC response speed.
Make Co settings so that these two values will be within the limit values.
(2) Loop Compensation
Choosing compensation Capacitor C1 and Resistor R3
The example of DC/DC converter application bode plot is shown in Figure 21. The compensation resistor R3 will set
the cross over frequency FC that decides the stability and response speed of DC/DC converter. So compensation
resistor R3 has to be adjusted to adequate value for good stability and response speed.
The cross over frequency FC can be adjusted by changing the compensation resistor R3 connected to COMP terminal.
Higher cross over frequency achieves good response speed, but less stability, and the lower cross over frequency
shows good stability, but worse response speed.
Usually, the 1/10 of DC/DC converter operating frequency is used for cross over frequency FC. So please decide the
compensation resistor and capacitor using the following formula on setting FC to 1/10 of operating frequency at first.
After that, please measure and adjust the cross over frequency on your set (on the actual application) to meet the
desired speed and phase-margin.
IL
t
IOMAX + ∆IL/2
should not reach
the rated value level
ILR
IOMAX mean current
Vo
L
VCC
IL
Co
(
)
[ ]
A
f
V
V
V
V
L
I
CC
O
O
CC
L
1
1
×
×
×
=
[ ]
V
f
V
V
C
I
R
I
V
CC
O
O
L
ESR
L
PP
1
2
×
×
+
×
=
[ ]
V
s
C
I
V
O
L
DR
µ
10
×
=
9/19
09.Sep.2014 Rev.003
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0323AAJ00440-1-2


Similar Part No. - BD9327EFJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9327EFJ-E2 ROHM-BD9327EFJ-E2 Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9327EFJ-E2 ROHM-BD9327EFJ-E2 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
More results

Similar Description - BD9327EFJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9325FJ ROHM-BD9325FJ_14 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com