Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD39001EKV-CE2 Datasheet(PDF) 10 Page - Rohm

Part # BD39001EKV-CE2
Description  Buck-Boost Switching Regulator Watch Dog Timer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD39001EKV-CE2 Datasheet(HTML) 10 Page - Rohm

Back Button BD39001EKV-CE2 Datasheet HTML 6Page - Rohm BD39001EKV-CE2 Datasheet HTML 7Page - Rohm BD39001EKV-CE2 Datasheet HTML 8Page - Rohm BD39001EKV-CE2 Datasheet HTML 9Page - Rohm BD39001EKV-CE2 Datasheet HTML 10Page - Rohm BD39001EKV-CE2 Datasheet HTML 11Page - Rohm BD39001EKV-CE2 Datasheet HTML 12Page - Rohm BD39001EKV-CE2 Datasheet HTML 13Page - Rohm BD39001EKV-CE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10/52
Datasheet
Datasheet
BD39001EKV-C
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Apr.7.2014 Rev.001
TSZ02201-0T3T0AM00120-1-2
Typical Performance Curves - Continued
4.5
4.6
4.6
4.7
4.7
4.8
-40
-10
20
50
80
110
Ambient Temperature: Ta [°C]
Figure 9. VCC UVLO Threshold Voltage1
vs. Temperature
Figure 10. VCC UVLO Threshold Voltage2
vs. Temperature
3.3
3.4
3.5
3.6
3.7
3.8
3.9
-40
-10
20
50
80
110
Ambient Temperature: Ta [°C]
5.37
5.42
5.47
5.52
5.57
5.62
5.67
5.72
5.77
-40
-10
20
50
80
110
Ambient Temperature: Ta [°C]
Figure 11. Under Voltage Detection2
vs. Temperature
Figure 12. Under Voltage Detection3
vs. Temperature
3
3.02
3.04
3.06
3.08
3.1
3.12
3.14
-40
-10
20
50
80
110
Ambient Temperature: Ta [°C]


Similar Part No. - BD39001EKV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-CE2 ROHM-BD39002EFV-CE2 Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
More results

Similar Description - BD39001EKV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com