Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD49101AEFS-ME2 Datasheet(PDF) 11 Page - Rohm

Part # BD49101AEFS-ME2
Description  Multi-channel Power Supply IC for Car Audio Systems
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD49101AEFS-ME2 Datasheet(HTML) 11 Page - Rohm

Back Button BD49101AEFS-ME2 Datasheet HTML 7Page - Rohm BD49101AEFS-ME2 Datasheet HTML 8Page - Rohm BD49101AEFS-ME2 Datasheet HTML 9Page - Rohm BD49101AEFS-ME2 Datasheet HTML 10Page - Rohm BD49101AEFS-ME2 Datasheet HTML 11Page - Rohm BD49101AEFS-ME2 Datasheet HTML 12Page - Rohm BD49101AEFS-ME2 Datasheet HTML 13Page - Rohm BD49101AEFS-ME2 Datasheet HTML 14Page - Rohm BD49101AEFS-ME2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
11/41
TSZ02201-0V3V0AP00060-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
23.Jun.2016 Rev.002
www.rohm.com
TSZ22111・15・001
BD49101AEFS-M
Parameter
Symbol
Spec Values
Unit
Conditions
Min
Typ
Max
【STBREG】
Reference Voltage
VREF_STLD
3.234
3.300
3.366
V
Load Current Capacity
IOSTLD
200
-
-
mA
Line Regulation
⊿VISTLD
-
-
15
mV
VIN0=7 to 18V, Io=5mA
Load Regulation
⊿VLSTLD
-
-
30
mV
IO=5m to 200mA
Ripple Rejection
RRSTLD
-
70
-
dB
Frp=100Hz, VIN0rp=1Vpp
I/O Voltage Difference
VSATSTLD
-
-
0.6
V
IO=100mA
【REG1】
Reference Voltage
VREF_LD1
0.588
0.600
0.612
V
Load Current Capacity
IOLD1
500
-
-
mA
VIN1=3.3V
Line Regulation
⊿VILD1
-
-
10
mV
VIN1=3 to 6V, Io=5mA
Load Regulation
⊿VLLD1
-
-
20
mV
IO=5m to 500mA
Ripple Rejection
RRLD1
-
70
-
dB
Frp=100Hz, VIN1rp=1Vpp
I/O Voltage Difference
VSATLD1
-
-
1.0
V
IO=250mA
【REG2】
Reference Voltage
VREF_LD2
0.777
0.793
0.809
V
Load Current Capacity
IOLD2
100
-
-
mA
Line Regulation
⊿VILD2
-
-
25
mV
VIN2=9 to 18V, Io=5mA
Load Regulation
⊿VLLD2
-
-
50
mV
IO=5mA to 100mA
Ripple Rejection
RRLD2
-
70
-
dB
Frp=100Hz, VIN2rp=1Vpp
I/O Voltage Difference
VSATLD2
-
-
0.65
V
IO=50mA
【REG3】
Reference Voltage
VREF_LD3
0.784
0.800
0.816
V
Load Current Capacity
IOLD3
300
-
-
mA
VIN3=6V
Line Regulation
⊿VILD3
-
-
20
mV
VIN3=4.0 to 6.5V, Io=5mA
Load Regulation
⊿VLLD3
-
-
40
mV
IO=5m to 300mA
Ripple Rejection
RRLD3
-
70
-
dB
Frp=100Hz, VIN3rp=1Vpp
I/O Voltage Difference
VSATLD3
-
-
0.6
V
IO=150mA


Similar Part No. - BD49101AEFS-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49101AEFS-M ROHM-BD49101AEFS-M Datasheet
1Mb / 44P
   1 High Side Switch channel
More results

Similar Description - BD49101AEFS-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49101ARFS-M ROHM-BD49101ARFS-M Datasheet
2Mb / 45P
   Multi-channel Power Supply IC for Car Audio Systems
logo
Sanyo Semicon Device
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com