Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD71801GWL Datasheet(PDF) 1 Page - Rohm

Part # BD71801GWL
Description  Power Management LSI for Mobile Phone
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD71801GWL Datasheet(HTML) 1 Page - Rohm

  BD71801GWL Datasheet HTML 1Page - Rohm BD71801GWL Datasheet HTML 2Page - Rohm BD71801GWL Datasheet HTML 3Page - Rohm BD71801GWL Datasheet HTML 4Page - Rohm BD71801GWL Datasheet HTML 5Page - Rohm BD71801GWL Datasheet HTML 6Page - Rohm BD71801GWL Datasheet HTML 7Page - Rohm BD71801GWL Datasheet HTML 8Page - Rohm BD71801GWL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/75
TSZ02201-0B1B0AB00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Nov.2013 Rev.002
TSZ22111・14・001
www.rohm.com
Power Management LSI
for Mobile Phone
BD71801GWL
General Description
The BD71801GWL is an integrated Power Management
LSI available in a small 80-pins 0.4mm-pitch 3.8mm-by-
3.8mm Wafer-level CSP package, which is designed to
meet demands for space-constrained Smart phones.
The device provides 5-Buck Converters.
The device also includes 12 general-purpose LDOs
providing a wide range of voltage and current
capabilities.
All Buck Converters and LDOs are fully controllable by
the I2C interface. The BD71801GWL is very easy to use
in any mobile platforms.
Features
 5-Channel High Efficiency Step-down Converters.
(Adjustable Voltage Options by I2C)
(Switching frequency 2MHz(TYP))
 All Buck Converters Support PFM/PWM Auto Mode.
 12-Channel LDOs are Programmable to Voltage
Options by I2C.
 LDOs and all Buck Converters Power ON/OFF
Control Enabled by I2C Interface or External pin.
 2ch NMOS output LDOs (LDO11, 12) for Optimized
Efficiency.
 Power ON/OFF Sequence.
 Support TCXO Buffer (26MHz) and 32KHz crystal
oscillator.
 I2C Compatible Interface.
( I2C Clock Support : Full Speed Mode 400kHz)
(Device Address is “1001011”,”1001100”)
Applications
 Smart Phones
 Tablets
 Mobile Router
 Data Transmitter
Key Specifications
 Input Voltage Range:
2.6V to 5.5V
 Output Voltage Range:
1.0V to 3.4V
 Switching Frequency:
2.0MHz(Typ)
 OFF Current:
0.3
μA (Typ)
 Operating Temperature Range:
-35
℃ to +85℃
Package
W(Typ) x D(Typ) x H(Max)
UCSP50L3C
3.80mm x 3.80mm x 0.57mm


Similar Part No. - BD71801GWL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
BD71805MWV-E2 ROHM-BD71805MWV-E2 Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
More results

Similar Description - BD71801GWL

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
logo
Fujitsu Component Limit...
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
   Power Management IC for Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
   Mobile Phone Power Management System
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
   Power Management for Cellular Phone
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
logo
OKI electronic componet...
MSM6808 OKI-MSM6808 Datasheet
679Kb / 18P
   SPLIT FILTER LSI FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com