Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD71805MWV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD71805MWV-E2
Description  System PMIC for Battery Powered Systems
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD71805MWV-E2 Datasheet(HTML) 1 Page - Rohm

  BD71805MWV-E2 Datasheet HTML 1Page - Rohm BD71805MWV-E2 Datasheet HTML 2Page - Rohm BD71805MWV-E2 Datasheet HTML 3Page - Rohm BD71805MWV-E2 Datasheet HTML 4Page - Rohm BD71805MWV-E2 Datasheet HTML 5Page - Rohm BD71805MWV-E2 Datasheet HTML 6Page - Rohm BD71805MWV-E2 Datasheet HTML 7Page - Rohm BD71805MWV-E2 Datasheet HTML 8Page - Rohm BD71805MWV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
.
1/96
TSZ02201-0Q4Q0AB00050-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
27.Feb.2015 Rev.001
TSZ22111
・14・001
www.rohm.com
System PMIC for
Battery Powered Systems
BD71805MWV
General Description
The BD71805MWV is a single chip power management
IC for battery-powered portable devices.
It integrates 4
Bucks, 3 LDOs, 2A single-cell linear charger, OVP,
Coulomb counter, RTC, 32 kHz crystal circuitry and 3
GPOs.
Four highly efficient 2.5MHz step-down converters
supply power to the application processor as well as
system peripherals such as DDR memory, wireless
modules, and touch controller.
The regulator to the
processor core supports DVS. The regulators maintain
high efficiency over a wide range of current loads by
supporting both PFM and PWM modes.
High switching
frequency allows the use of smaller and cheaper
inductors and capacitors.
Features
 4 Buck Converters:
- 1-2000mA Buck
- 3-1000mA Bucks
 3 LDOs (General purpose)
- 3-300mA LDOs
 LDO for DDR Reference Voltage
 LDO for Secure Non-Volatile Storage (SNVS)
 Single-cell Linear LIB Charger with 30V-OVP
- Selectable Charging Voltage : 3.72 to 4.34 V
- Programmable Charge Current : 100 to 2000mA
- DCIN Over Voltage Protection
- Battery Over Voltage Protection
- Support Battery Supplement Mode
- Battery Short Circuit Detection
 Voltage Measurement for Thermistor
- Bias Voltage Output for External Thermistor
 Embedded Coulomb Counter for Battery Fuel
Gauging
- 15-
bit ΔΣ-ADC with External Current Sense Resistor
(10 mΩ, ±1%)
- 1-sec cycle, 28-bit Accumulation
- Coulomb Count while Charging/Discharging
 Battery Monitoring and Alarm Output
- Under Voltage Alarm while Discharging
- Over Discharge Current Alarm
- Over/Under Temperature Alarm
- Programmable Thresholds and Time Durations
- Automatic Low Voltage Mode (Battery Protection)
3.5V Detection :
Interrupt to Processor to Ask User Plug-in
3.3V Detection :
Interrupt to Processor to Indicate Battery Critically
Low Condition
 Real Time Clock with 32.768kHz Crystal Oscillator
- 32.768kHz Clock Output
(Open Drain or CMOS Output Selectable)
 3 GPOs
(Open Drain or CMOS Output Selectable)
 Power Control I/O
- Power On/Off Control Input
- Standby Input for Switching ON / STANDBY Mode
- Reset Input to Reset Hung PMIC
- Power On Reset Output
 I2C Interface
Applications
 E-Book Reader
 Portable Media Players
 Portable Navigation Devices
Key Specifications
 Input Voltage Range (DCIN):
3.5V to 28V
 Input Voltage Range (VIN,VSYS):
3.3V to 5.5V
 Input Voltage Range (DVDD):
1.5V to 3.4V
 Off Current :
25
μA (Typ)
[RTC+ Coulomb counter+ LDO_SNVS+ 32kOSC only]
 Operating temperature range:
-40°C to +85°C
Package
W(Typ)
D(Typ)
H(Max)
UQFN64MV8080
8.0mm x 8.0mm x 1.0mm
Status of this document
The English version of this document is formal specification. A customer may use this translation version only for a reference to help
reading the formal version. If there are any differences in translation version of this document formal version takes priority.


Similar Part No. - BD71805MWV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BD71801GWL-E2 ROHM-BD71801GWL-E2 Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
More results

Similar Description - BD71805MWV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Anpec Electronics Corop...
APW7703A ANPEC-APW7703A Datasheet
694Kb / 62P
   2.4MHz PMIC for Battery Powered System with I2C Controller
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com