Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD81010MUV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD81010MUV-E2
Description  Gamma voltage generated IC with built-in DAC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81010MUV-E2 Datasheet(HTML) 5 Page - Rohm

  BD81010MUV-E2 Datasheet HTML 1Page - Rohm BD81010MUV-E2 Datasheet HTML 2Page - Rohm BD81010MUV-E2 Datasheet HTML 3Page - Rohm BD81010MUV-E2 Datasheet HTML 4Page - Rohm BD81010MUV-E2 Datasheet HTML 5Page - Rohm BD81010MUV-E2 Datasheet HTML 6Page - Rohm BD81010MUV-E2 Datasheet HTML 7Page - Rohm BD81010MUV-E2 Datasheet HTML 8Page - Rohm BD81010MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/18
TSZ02201-0313AAF00360-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
19.Feb.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BD81010MUV
Electrical Characteristics (Unless otherwise noted, Ta25°C, VDD=3.3V, VCC=15.0V, VREFIN=5.0V )
Parameter
Symbol
Limit
Unit
Condition
MIN
TYP
MAX
【 Regulator (VDAC) 】
FB Voltage
VFB
0.492
0.500
0.508
V
Input Bias Current
IFB
-1.2
0.0
1.2
µA
VFB=0.60V
Current Capability
IO
10
50
-
mA
【 Gamma Amplifier 】
Sink Current Capability
Nch Side (AMP0)
IooA
-
-10.0
-6.6
mA
during REG0=3BBh (14.0V ) setting,
OUT0=15V input
Sink Current Capability
Nch Side (AMP1 to AMP12)
IooB
-
-30
-20
mA
during REG1 to REG12=199h (6.0V) setting,
OUT1to OUT12=7V input
Sink Current Capability
Nch Side (AMP13)
IooC
-
-60
-40
mA
during REG13=043h (1.0V) setting,
OUT13=2V input
Source Current Capability
Pch Side (AMP0)
IoiA
40
60
-
mA
during REG0=3BBh (14.0V) setting,
OUT0=13V input
Source Current Capability
Pch Side (AMP1 to AMP12)
IoiB
20
30
-
mA
during REG1 to REG12=199h (6.0V) setting,
OUT1to OUT12=5V
Source Current Capability
Pch Side (AMP13)
IoiC
6.6
10.0
-
mA
during REG13=043h (1.0V) setting,
OUT13=0V input
Load Stability (OUT0)
⊿VO-A
-
10
70
mV
IO=0mA to -30mA
REG0=199h (6.0V) setting
Load Stability
(OUT1 to OUT12)
⊿VO-B
-
10
70
mV
IO=-15mA to 15mA
REG1 to REG12=199h (6.0V) setting
Load Stability (OUT13)
⊿VO-C
-
10
70
mV
IO=0mA to 30mA
REG13=199h (6.0V) setting
MAX Output Voltage (OUT0)
VOH-A
VCC-0.20
VCC-0.10
-
V
IO=-30mA
MAX Output Voltage
(OUT1 to OUT12)
VOH-B
VCC-1.00
VCC-0.50
-
V
IO=-15mA
MAX Output Voltage (OUT13)
VOH-C
VCC-0.60
VCC-0.30
-
V
IO=-5mA
MIN Output Voltage (OUT0)
VOL-A
-
0.30
0.60
V
IO=5mA
MIN Output Voltage
(OUT1 to OUT12)
VOL-B
-
0.60
1.20
V
IO=15mA
MIN Output Voltage (OUT13)
VOL-C
-
0.10
0.20
V
IO=30mA
Slew Rate (AMP0)
SR-A
1
4
-
V/µsec OUT0=No-load
Slew Rate (AMP1 to OUT12)
SR-B
1
4
-
V/µsec OUT1 to OUT12= No-load
Slew Rate (AMP13)
SR-C
1
4
-
V/µsec OUT13= No-load
【 10 Bit DAC 】
Resolution
RES
-
10
-
Bit
Integral Non-linearity Error
(INL)
LE
-2
-
+2
LSB
00Ah to 3F5h is the allowable margin of
error against the ideal linear.
Differential Non-linearity Error
(DNL)
DLE
-2
-
+2
LSB
00Ah to 3F5h is the allowable margin of error
against the ideal increase of 1LSB.


Similar Part No. - BD81010MUV-E2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
49Kb / 8P
   POWER TRANSISTORS PNP SILICON
April, 2002 ??Rev. 1
logo
Savantic, Inc.
BD810 SAVANTIC-BD810 Datasheet
91Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
BD810 JMNIC-BD810 Datasheet
127Kb / 1P
   Silicon PNP Transistors
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
86Kb / 5P
   Plastic High Power Silicon Transistor
November, 2007 - Rev. 4
logo
Inchange Semiconductor ...
BD810 ISC-BD810 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BD81010MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81026MUV ROHM-BD81026MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
BD8149MUV ROHM-BD8149MUV Datasheet
1Mb / 21P
   Gamma voltage generated IC
BD8143MUV ROHM-BD8143MUV Datasheet
332Kb / 11P
   High-precision Gamma Correction IC with built-in DAC
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Asahi Kasei Microsystem...
AK4365 AKM-AK4365 Datasheet
393Kb / 38P
   DAC with built-in PLL & HP-AMP
AK4372 AKM-AK4372 Datasheet
1Mb / 62P
   DAC with built-in PLL & HP-AMP
AK4368EG AKM-AK4368EG Datasheet
800Kb / 60P
   DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
   DAC with built-in PLL & HP-AMP
AKD4342-B AKM-AKD4342-B Datasheet
1Mb / 52P
   24bit DAC with built-in 2Vrms lineout
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com