Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90521MUV-CE2 Datasheet(PDF) 7 Page - Rohm

Part # BD90521MUV-CE2
Description  Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90521MUV-CE2 Datasheet(HTML) 7 Page - Rohm

Back Button BD90521MUV-CE2 Datasheet HTML 3Page - Rohm BD90521MUV-CE2 Datasheet HTML 4Page - Rohm BD90521MUV-CE2 Datasheet HTML 5Page - Rohm BD90521MUV-CE2 Datasheet HTML 6Page - Rohm BD90521MUV-CE2 Datasheet HTML 7Page - Rohm BD90521MUV-CE2 Datasheet HTML 8Page - Rohm BD90521MUV-CE2 Datasheet HTML 9Page - Rohm BD90521MUV-CE2 Datasheet HTML 10Page - Rohm BD90521MUV-CE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Datasheet
Datasheet
7/38
TSZ02201-0J3J0AL01130-1-2
21.Apr.2016 Rev.001
BD90521MUV-C / BD90521EFV-C
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 15 • 001
Recommended Operating Conditions (Ta = -40°C to +125°C)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VIN, PVIN
2.6
5.5
V
EN Pin Voltage (Note 1,2)
VEN
0
5.5
V
SEL Pin Voltage
VSEL
0
5.5
V
SYNC Pin Voltage
VSYNC
0
VIN
V
Setting Frequency Range
fRT
0.3
2.4
MHz
External Clock Frequency Range
fSYNC
0.3 (Note 3)
2.4 (Note 3)
MHz
Output Voltage Range
VO
0.6 (Note 4)
5.0
V
Output Current
IO
0
2 (Note 4)
A
Input Capacitor
CIN1
11 (Note 5)
-
μF
(Note 1) State enters test mode when EN terminal exceeds 6 V.
(Note 2) Within action power voltage range, the order of startup of power (VIN, PVIN), EN terminal and SEL terminal does not matter.
(Note 3) As an external signal, input frequency within ±25% of frequency set by RT resistance.
(Note 4) Output voltage is limited by SW minimum ON time depending on setting of input voltage and oscillation frequency. For the setting range, see setting
of output voltage of application part selection method (p. 20).
(Note 5) Ceramic capacitor is recommended. Set the capacitance value not to become below minimum value including variation, temperature property, DC
bias property and aging. Since malfunction may occur depending on substrate patterns and capacitor positions, please design the substrate
referring to cautions in substrate layout (p. 28).


Similar Part No. - BD90521MUV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90522EFJ-C ROHM-BD90522EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90525EFJ-C ROHM-BD90525EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90528EFJ-C ROHM-BD90528EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
More results

Similar Description - BD90521MUV-CE2

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com