Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90640HFP-CTR Datasheet(PDF) 1 Page - Rohm

Part # BD90640HFP-CTR
Description  1ch Step-Down Switching Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90640HFP-CTR Datasheet(HTML) 1 Page - Rohm

  BD90640HFP-CTR Datasheet HTML 1Page - Rohm BD90640HFP-CTR Datasheet HTML 2Page - Rohm BD90640HFP-CTR Datasheet HTML 3Page - Rohm BD90640HFP-CTR Datasheet HTML 4Page - Rohm BD90640HFP-CTR Datasheet HTML 5Page - Rohm BD90640HFP-CTR Datasheet HTML 6Page - Rohm BD90640HFP-CTR Datasheet HTML 7Page - Rohm BD90640HFP-CTR Datasheet HTML 8Page - Rohm BD90640HFP-CTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/40
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
CVTSZ22111・14・001
15.Sep.2015 Rev.005
Input Voltage 3.5 V to 36 V
Output SW Current 4 A / 2.5A / 1.25A
1ch Step-Down Switching Regulator
BD906xx-C series
General Description
BD906xx-C series is a step-down switching regulator
with integrated POWER MOS FET and have the
capability to withstand high input voltage, providing a free
setting function of operating switching frequency with
external resistor. This switching regulator features a wide
input voltage range (3.5 V to 36 V, Absolute maximum 42
V) and operating temperature range (-40 °C to +125 °C).
Furthermore, an external synchronization input pin
enables synchronous operation with external clock.
Features
 AEC-Q100 Qualified
(Note 1)
 Integrated Pch POWER MOS FET
 Low Dropout: 100 % ON Duty Cycle
 External Synchronization Function
 Soft Start Function: 1.38 ms (fSW = 500 kHz)
 Current Mode Control
 Over Current Protection
 Low Supply Voltage Error Prevention
 Thermal Shut Down Protection
 Short Circuit Protection
 High power HRP7 package mounted
 Compact and High power HTSOP-J8 package
mounted
 Load dump up to 42 V.
(Note 1 : Grade 1)
Applications
 Automotive Battery Powered Supplies
(Cluster Panels, Car Multimedia)
 Industrial / Consumer Supplies
 Other electronic equipment
Key Specifications
 Input Voltage Range :
3.5 V to 36 V
(Initial startup is over 3.9 V)
 Output Voltage Range :
0.8 V to VIN
 Output Switch Current :
4 A / 2.5 A / 1.25 A (Max)
 Switching Frequency :
50 kHz to 600 kHz
 Reference Voltage Accuracy :±2% (-40 °C to +125 °C)
 Shutdown Circuit Current :
0 µA (Typ)
 Operating Temperature Range(Ta) : -40 °C to +125 °C
Package
W(Typ) x D(Typ) x H(Max)
HRP7
9.395mm x 10.540mm x 2.005mm
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
HRP7
HTSOP-J8
Typical Application Circuit
PVIN
VIN
RT
EN / SYNC
GND
SW
FB
VC
CIN
Cbulk
CRT
RRT
VIN
VEN / SYNC
D1
R3
C1
L1
CO R1
R2
C2
VO
Datasheet


Similar Part No. - BD90640HFP-CTR

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD906 MOSPEC-BD906 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD906 BOCA-BD906 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD906 ISC-BD906 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD906 CDIL-BD906 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD906 NJSEMI-BD906 Datasheet
133Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD90640HFP-CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E151NUX ROHM-BD9E151NUX Datasheet
872Kb / 22P
   1ch Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com