Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD91361MUV Datasheet(PDF) 10 Page - Rohm

Part # BD91361MUV
Description  Synchronous Buck Converter with Integrated FET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD91361MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD91361MUV_14 Datasheet HTML 6Page - Rohm BD91361MUV_14 Datasheet HTML 7Page - Rohm BD91361MUV_14 Datasheet HTML 8Page - Rohm BD91361MUV_14 Datasheet HTML 9Page - Rohm BD91361MUV_14 Datasheet HTML 10Page - Rohm BD91361MUV_14 Datasheet HTML 11Page - Rohm BD91361MUV_14 Datasheet HTML 12Page - Rohm BD91361MUV_14 Datasheet HTML 13Page - Rohm BD91361MUV_14 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10/23
BD91361MUV
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00200-1-2
06.Oct.2014 Rev.002
2. Description of Functions
(1) Soft-Start Function
During start-up, the soft-start circuit gradually establishes the output voltage to limit the input current. This prevents
the overshoot in the output voltage and inrush current.
(2) Shutdown Function
When EN terminal is set
to “Low”, the device operates in Standby Mode, and all the functional blocks such as
reference voltage circuit, internal oscillator and drivers are turned to OFF. Circuit current during standby is 0µA
(Typ).
(3) UVLO Function
This circuit detects whether the supplied input voltage is sufficient to provide the output voltage of this IC.
A hysteresis width of 50mV (Typ) is provided to prevent the output from chattering.
Figure 24. Soft-Start, Shutdown, UVLO Timing Chart
(4) Short-Circuit Protection with Time Delay Function
To protect the IC from breakdown, the short-circuit turns the output OFF when the internal current limiter is
activated continuously for a fixed time (tLATCH) or more. The output that is kept OFF may be turned ON again by
restarting EN or by resetting UVLO.
Figure 25. Short-Circuit Protection with Time Delay Diagram
Hysteresis 50mV
tSS
tSS
tSS
Soft start
Standby Mode
Operating Mode
Standby
Mode
Operating Mode
Standby
Mode
Operating Mode
Standby Mode
UVLO
EN
UVLO
UVLO
VCC
EN
VOUT
1/2VOUT
1msec
Output voltage OFF Latch
Output Current in non-control
Output Current in control by limit value
(With fall of the output voltage, limit value goes down)
EN
Timer Latch
EN
Standby Mode
Operated Mode
Standby Mode
Operated Mode
EN
VOUT
Limit
IL
Until output voltage goes up the half of
VO or over, timer latch is not operated.
(No timer latch, only limit to the output current)


Similar Part No. - BD91361MUV_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD91361MUV_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com