Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90640EFJ-C Datasheet(PDF) 5 Page - Rohm

Part # BD90640EFJ-C
Description  1ch Step-Down Switching Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90640EFJ-C Datasheet(HTML) 5 Page - Rohm

  BD90640EFJ-C Datasheet HTML 1Page - Rohm BD90640EFJ-C Datasheet HTML 2Page - Rohm BD90640EFJ-C Datasheet HTML 3Page - Rohm BD90640EFJ-C Datasheet HTML 4Page - Rohm BD90640EFJ-C Datasheet HTML 5Page - Rohm BD90640EFJ-C Datasheet HTML 6Page - Rohm BD90640EFJ-C Datasheet HTML 7Page - Rohm BD90640EFJ-C Datasheet HTML 8Page - Rohm BD90640EFJ-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5/40
BD906xx-C series
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
15.Sep.2015 Rev.005
Absolute Maximum Ratings (Ta = 25 °C)
Parameter
Symbol
Rating
Unit
Input Power Supply Voltage
VIN, PVIN
-0.3 to +42
V
EN / SYNC Pin Voltage
VEN / SYNC
-0.3 to VIN
V
RT, VC, FB Pin Voltage
VRT, VVC, VFB
-0.3 to +7
V
Power Dissipation
(Note1)
HRP7
(Note2)
Pd
6.98
W
HTSOP-J8
(Note3)
3.10
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
150
°C
(Note 1) Do not however exceed Pd.
(Note 2) Reduce by 55.8 mW / °C, (Above 25°C),
(JESD51 -5 / -7 standard FR4 114.3 mm × 76.2 mm × 1.60 mmt 4-layer Top copper foil: ROHM recommended footprint + wiring to measure /
2,3 inner layers and Copper foil area on the reverse side of PCB
74.2 mm × 74.2 mm, copper (top & reverse side / inner layers)
70 µm / 35 µm.
Thermal via : pitch 1.2 mm, diameter Φ0.30 mm )
(Note 3) Reduce by 24.8 mW / °C, (Above 25°C),
(JESD51 -5 / -7 standard FR4 114.3 mm × 76.2 mm × 1.60 mmt 4-layer Top copper foil: ROHM recommended footprint + wiring to measure /
2,3 inner layers and Copper foil area on the reverse side of PCB
74.2 mm × 74.2 mm, copper (top & reverse side / inner layers)
70 µm / 35 µm.
Thermal via : pitch 1.2 mm, diameter Φ0.30 mm )
Caution: Exceeding the absolute maximum rating for supply voltage, operating temperature or other parameters can result in damages to or destruction of the
chip. In this event it also becomes impossible to determine the cause of the damage (e.g. short circuit, open circuit, etc). Therefore, if any special mode
is being considered with values expected to exceed the absolute maximum ratings, implementing physical safety measures, such as adding fuses,
should be considered.
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
Min
Max
Operating Power Supply Voltage
(Note 1)
VIN, PVIN
3.5
36
V
Operating Temperature Range
Topr
-40
+125
°C
Output Switch Current
(Note2)
BD90640HFP/EFJ-C
ISW40
-
4
A
BD90620HFP/EFJ-C
ISW20
-
2.5
A
BD90610EFJ-C
ISW10
-
1.25
A
Output Voltage
VO
0.8
VIN
V
Min ON Pulse Width
TON_MIN
250
-
ns
Switching Frequency
fSW
50
600
kHz
Switching Frequency Set Resistance
RRT
22
330
Synchronous Operation Frequency Range
fSYNC
50
600
kHz
Synchronous Operation Frequency
fSYNC_RT
-20
+20
%
External Clock ON Duty
DSYNC
10
90
%
Capacitance of Input Capacitor
CIN
2.4
(Note 3)
-
µF
(Note 1) Initial startup is over 3.9 V.
(Note 2) The Limits include output DC current and output ripple current.
(Note 3) Ceramic capacitor is recommended. The capacitor value including temperature change, DC bias change, and aging change must be larger than
minimum value (Refer to p.15). Also, the IC might not function properly when the PCB layout or the position of the capacitor is not good. Please check
“Notes on the PCB Layout” on page 30.


Similar Part No. - BD90640EFJ-C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD906 MOSPEC-BD906 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD906 BOCA-BD906 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD906 ISC-BD906 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD906 CDIL-BD906 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD906 NJSEMI-BD906 Datasheet
133Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD90640EFJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E151NUX ROHM-BD9E151NUX Datasheet
872Kb / 22P
   1ch Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com