Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD91501MUV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD91501MUV-E2
Description  Synchronous Buck Converter Integrated FET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD91501MUV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD91501MUV-E2 Datasheet HTML 2Page - Rohm BD91501MUV-E2 Datasheet HTML 3Page - Rohm BD91501MUV-E2 Datasheet HTML 4Page - Rohm BD91501MUV-E2 Datasheet HTML 5Page - Rohm BD91501MUV-E2 Datasheet HTML 6Page - Rohm BD91501MUV-E2 Datasheet HTML 7Page - Rohm BD91501MUV-E2 Datasheet HTML 8Page - Rohm BD91501MUV-E2 Datasheet HTML 9Page - Rohm BD91501MUV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.rohm.com
TSZ02201-0J3J0A900260-1-2
©2012 ROHM Co., Ltd. All rights reserved.
6/22
31.Aug.2012 Rev.001
TSZ22111・15・001
BD91501MUV
Datasheet
Figure.15 Soft start waveform
(Io=0mA)
0
0.2
0.4
0.6
0.8
1
1.2
-40
-20
0
20406080
100
Ta[℃]
VCC=3.3V
0
100
200
300
400
500
600
-40
-20
0
20
40
60
80
100
Ta[℃]
VOUT2
[1V/div]
EN1=EN2
[2V/div]
VCC=3.3V, Ta=25℃
time
[400µsec/div]
VOUT1
[1V/div]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-20
0
20406080
100
Ta[℃]
VCC=3.3V
PMOS Io=0.3A
NMOS Io=0.3A
Vout1=2.55V
Vout2=1.8V
0.4
0.6
0.8
1
1.2
-40
-20
0
20
40
60
80
100
Ta[℃]
0.2
0
Figure.12 Ta-RONN, RONP
0.4
0.6
1
1.4
1.8
2
0
1.6
1.2
0.8
0.2
Figure.13 Ta-VEN1, VEN2
-20
0
20
40
60
80
100
Ta[℃]
-40
-40
-20
0
20
40
60
80
100
100
200
300
400
500
600
Ta[℃]
Figure.14 Ta-ICC


Similar Part No. - BD91501MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
427Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV-E2 ROHM-BD9150MUV-E2 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV-E2 ROHM-BD9150MUV-E2 Datasheet
427Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD91501MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com