Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90610HFP-TR Datasheet(PDF) 3 Page - Rohm

Part # BD90610HFP-TR
Description  1ch Step-Down Switching Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90610HFP-TR Datasheet(HTML) 3 Page - Rohm

  BD90610HFP-TR Datasheet HTML 1Page - Rohm BD90610HFP-TR Datasheet HTML 2Page - Rohm BD90610HFP-TR Datasheet HTML 3Page - Rohm BD90610HFP-TR Datasheet HTML 4Page - Rohm BD90610HFP-TR Datasheet HTML 5Page - Rohm BD90610HFP-TR Datasheet HTML 6Page - Rohm BD90610HFP-TR Datasheet HTML 7Page - Rohm BD90610HFP-TR Datasheet HTML 8Page - Rohm BD90610HFP-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3/40
BD906xx-C series
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
15.Sep.2015 Rev.005
Pin Configuration
HRP7
HTSOP-J8
Pin Description
Pin No.
Symbol
Function
Pin No
Symbol
Function
1
VC
Error Amp Output
1
RT
Switching Frequency Setting
Resistor Connection
2
VIN
Power Supply Input
2
SW
Switching Output
3
FB
Output Voltage Feedback
3
EN / SYNC
Enable /
External Clock Input
4
GND
GND
4
GND
GND
5
RT
Switching Frequency Setting
Resistor Connection
5
VC
Error Amp Output
6
SW
Switching Output
6
VIN
(Note 1)
Power Supply Input
7
EN / SYNC
Enable /
External Clock Input
7
PVIN
(Note 1)
Power Supply Input
FIN
-
GND
8
FB
Output Voltage Feedback
(Note 1) VIN and PVIN must be shorted.
HRP7
HTSOP-J8
Block Diagram
HRP7
HTSOP-J8
PWM_LATCH
DRV
Q
S
R
+
-
-
+
+
SCP_
LATCH
8
FB
0.8V
SOFT_
START
Pch POWER
MOSFET
SLOPE
OSC
5
VC
2
SW
1
RT
3
EN / SYNC
VREF
VREG
UVLO
TSD
6
EN
UVLO
TSD
OCP
SCP_LATCH
OFF
OCP
Current
Sense
CUR
_COMP
ERROR_AMP
4
GND
OCP
7
PVIN
 
SCP
UVLO
OCP
TSD
EN / SYNC
SCP_LATCH
VIN
PWM_LATCH
DRV
Q
S
R
+
-
-
+
+
SCP_
LATCH
0.8V
SOFT_
START
Pch POWER
MOSFET
SLOPE
OSC
VC
SW
RT
EN / SYNC
VREF
VREG
UVLO
TSD
EN
UVLO
TSD
OCP
SCP_LATCH
OFF
OCP
Current
Sense
CUR
_COMP
ERROR_AMP
GND
OCP
 
SCP
UVLO
OCP
TSD
EN / SYNC
VIN
3
7
2
6
5
4
1
FB
SCP_LATCH
FIN
1. VC
2. VIN
3. FB
4. GND
5. RT
6. SW
7. EN / SYNC
(TOP VIEW)
1. RT
2. SW
3. EN / SYNC
4. GND
8. FB
7. PVIN
6. VIN
5. VC
(TOP VIEW)


Similar Part No. - BD90610HFP-TR

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD906 MOSPEC-BD906 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD906 BOCA-BD906 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD906 ISC-BD906 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD906 CDIL-BD906 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD906 NJSEMI-BD906 Datasheet
133Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD90610HFP-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E151NUX ROHM-BD9E151NUX Datasheet
872Kb / 22P
   1ch Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com