Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90610EFJ-TR Datasheet(PDF) 10 Page - Rohm

Part # BD90610EFJ-TR
Description  1ch Step-Down Switching Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90610EFJ-TR Datasheet(HTML) 10 Page - Rohm

Back Button BD90610EFJ-TR Datasheet HTML 6Page - Rohm BD90610EFJ-TR Datasheet HTML 7Page - Rohm BD90610EFJ-TR Datasheet HTML 8Page - Rohm BD90610EFJ-TR Datasheet HTML 9Page - Rohm BD90610EFJ-TR Datasheet HTML 10Page - Rohm BD90610EFJ-TR Datasheet HTML 11Page - Rohm BD90610EFJ-TR Datasheet HTML 12Page - Rohm BD90610EFJ-TR Datasheet HTML 13Page - Rohm BD90610EFJ-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10/40
BD906xx-C series
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
15.Sep.2015 Rev.005
Timing Chart
1.
Start Up Operation
2.
Over Current Protection Operation
VIN
EN / SYNC
SS
SW
VO
VC
Internal slope
EN / SYNC
Threshold Voltage
SW
VO
VC
Internal SOFT START
IL
TOFF*
Output Voltage
Short to GND
Auto reset
(Soft Start Operation)
FB
TSS*
TOFF , TSS terminal
Output Voltage
Short Release
Normal pulse repetition at
the following
Over Current
Detect Level
Short Current
Detect Level
TOFF*
TOFF*
TOFF = 1024 / fSW [s]
ex) fSW = 500 [kHz] , TOFF = 2.048 [ms]
tSS = 1.38 [ms] (Typ)


Similar Part No. - BD90610EFJ-TR

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD906 MOSPEC-BD906 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD906 BOCA-BD906 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD906 ISC-BD906 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD906 CDIL-BD906 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD906 NJSEMI-BD906 Datasheet
133Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD90610EFJ-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E151NUX ROHM-BD9E151NUX Datasheet
872Kb / 22P
   1ch Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com