Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185BH Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM185BH
Description  Adjustable Micropower Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185BH Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM185BH Datasheet HTML 1Page - National Semiconductor (TI) LM185BH Datasheet HTML 2Page - National Semiconductor (TI) LM185BH Datasheet HTML 3Page - National Semiconductor (TI) LM185BH Datasheet HTML 4Page - National Semiconductor (TI) LM185BH Datasheet HTML 5Page - National Semiconductor (TI) LM185BH Datasheet HTML 6Page - National Semiconductor (TI) LM185BH Datasheet HTML 7Page - National Semiconductor (TI) LM185BH Datasheet HTML 8Page - National Semiconductor (TI) LM185BH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (Note 4) (Continued)
Parameter
Conditions
LM185, LM285
LM385
Typ
LM185BX,
LM185BY
Typ
LM385BX,
LM185B,
LM285BX,
LM285
LM385BY
LM385
Units
LM285BY
(Limit)
Tested Design Tested Design
Tested Design Tested Design
Limit
Limit
Limit
Limit
Limit
Limit
Limit
Limit
(Note
5)
(Note
6)
(Note
5)
(Note
6)
(Note
5)
(Note
6)
(Note
5)
(Note
6)
Average
Temperature
I
R = 100µA
X Suffix
30
30
ppm/˚c
Coefficient
(Note 7)
Y Suffix
50
50
(max)
All Others
150
150
150
150
Long Term
Stability
I
R = 100µA, T = 1000
Hr,
20
20
ppm
T
A = 25˚C ± 0.1˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 2: Refer to RETS185H for military specifications.
Note 3: For elevated temperature operation, TJmax is:
LM185
150˚C
LM285
125˚C
LM385
100˚C
Thermal Resistance
TO-92
TO-46
SO-8
θ
JA (Junction to Ambient)
180˚C/W (0.4" leads)
440˚C/W
165˚C/W
170˚C/W (0.125" leads)
θ
JC (Junction to Case)
N/A
80˚C/W
N/A
Note 4: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA =TJ = 25˚C. Unless otherwise specified, all
parameters apply for VREF < VOUT < 5.3V.
Note 5: Guaranteed and 100% production tested.
Note 6: Guaranteed, but not 100% production tested. These limits are not to be used to calculate average outgoing quality levels.
Note 7: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures from TMIN to TMAX, divided
by TMAX −TMIN. The measured temperatures are −55, −40, 0, 25, 70, 85, 125˚C.
www.national.com
4


Similar Part No. - LM185BH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185BH NSC-LM185BH Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
LM185BH NSC-LM185BH Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
logo
Texas Instruments
LM185BH TI1-LM185BH Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185BH TI-LM185BH Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185BH TI-LM185BH Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results

Similar Description - LM185BH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185QML NSC-LM185QML Datasheet
713Kb / 15P
   Adjustable Micropower Voltage References
LM385-ADJ NSC-LM385-ADJ Datasheet
713Kb / 14P
   Adjustable Micropower Voltage References
LM185 NSC-LM185_08 Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
logo
Texas Instruments
LM185-ADJ TI-LM185-ADJ_15 Datasheet
1Mb / 23P
[Old version datasheet]   Adjustable Micropower Voltage References
5962-9091402QYA TI-5962-9091402QYA Datasheet
459Kb / 15P
[Old version datasheet]   LM185QML Adjustable Micropower Voltage References
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385MX TI-LM385MX Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385Z TI-LM385Z Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com