Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ296106DSGT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ296106DSGT
Description  Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ296106DSGT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ296106DSGT Datasheet HTML 2Page - Texas Instruments BQ296106DSGT Datasheet HTML 3Page - Texas Instruments BQ296106DSGT Datasheet HTML 4Page - Texas Instruments BQ296106DSGT Datasheet HTML 5Page - Texas Instruments BQ296106DSGT Datasheet HTML 6Page - Texas Instruments BQ296106DSGT Datasheet HTML 7Page - Texas Instruments BQ296106DSGT Datasheet HTML 8Page - Texas Instruments BQ296106DSGT Datasheet HTML 9Page - Texas Instruments BQ296106DSGT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
bq2961, bq2962
SLUSBU5C – NOVEMBER 2013 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: bq2961 bq2962
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Specified by design. Not 100% tested in production.
7.5 Electrical Characteristics
Typical values stated where TA = 25°C and VDD = 14.4 V, MIN/MAX values stated where TA = –40°C to 110°C, and VDD =
3 V to 15 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Protection Thresholds
VOV
V(PROTECT)
Overvoltage
Detection
RIN = 1 kΩ
Applicable Voltage: 3.85 V
to 4.6 V in 50 mV steps
V
VHYS
OV Detection
Hysteresis
250
300
400
mV
VOA
OV Detection
Accuracy
TA = 25°C
–10
10
mV
VOADRIFT
OV Detection
Accuracy Across
Temperature
TA = –40°C
–40
40
mV
TA = 0°C
–20
20
mV
TA = 60°C
–24
24
mV
TA = 110°C
–54
54
mV
TA = 110°C
–54
54
mV
Supply and Leakage Current
IDD
Supply Current
(Vn – Vn-1) = 3.8 V and (V1 – VSS) > VUVREG , VDD = top Vn
voltage, IREG = 0 mA, TA = 0°C to 60°C
4
6
µA
(Vn – Vn-1) = 3.8 V and (V1 – VSS) > VUVREG , VDD = top Vn
voltage, IREG = 0 mA, TA = –40°C to 110°C
8
µA
(Vn – Vn-1) = 3.8 V and (V1 – VSS) < VUVREG , VDD = top Vn
voltage, TA = 0°C to 60°C
1
2
µA
(Vn – Vn-1) = 3.8 V and (V1 – VSS) < VUVREG , VDD = top Vn
voltage, TA = –40°C to 110°C
4
µA
IIN
Input Current at Vx
Pins
(Vn – Vn-1) = (V1 – VSS) = 3.8 V, VDD = top Vn voltage, TA =
25°C
–0.1
0.1
µA
Output Drive OUT, CMOS Active High
VOUT
Output Drive
Voltage, Active High
(Vn – Vn-1) or (V1 – VSS) > VOV, IOH = 100 µA, VDD = top Vn
voltage
6
V
If three of four cells are short circuited, only one cell remains
powered and > VOV, VDD = Vn (the remaining cell voltage), IOH
= 100 µA
VDD –
0.3
V
(Vn – Vn-1) and (V1 – VSS) < VOV, VDD = sum of the cell stack
voltage, IOL = 100 µA measured into OUT pin
250
400
mV
IOUTH
OUT Source Current
(during OV)
(Vn – Vn-1), (V3 – V2), or (V1 – VSS) > VOV, VDD = top Vn
voltage,
forced OUT = 0 V, measured out of OUT pin
4.5
mA
IOUTL
OUT Sink Current
(no OV)
(Vn – Vn-1) and (V1 – VSS) < VOV, VDD = top Vn voltage, forced
OUT = VDD, measured into OUT pin. Pull-up resistor RPU = 5
kΩ to VDD
0.5
14
mA
Internal Fixed Delay Timer
tDELAY
OV Delay Time(1)
Internal Fixed Delay, 3 second delay option
2.4
3
3.6
s
Internal Fixed Delay, 4 second delay option
3.2
4
4.8
s
Internal Fixed Delay, 5.5 second delay option
4.4
5.5
6.6
s
Internal Fixed Delay, 6.5 second delay option
5.2
6.5
7.8
s
tDELAY_CTM
Fault Detection
Delay Time in Test
Mode OV Delay
Time
Internal Fixed delay
15
ms


Similar Part No. - BQ296106DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ296106DSGT TI1-BQ296106DSGT Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ296106DSGT TI1-BQ296106DSGT Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296106DSGT TI1-BQ296106DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296106DSGT TI1-BQ296106DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296106DSGT TI1-BQ296106DSGT Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
More results

Similar Description - BQ296106DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
BQ2961 TI1-BQ2961_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V02 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V03 Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V05 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V04 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V08 Datasheet
2Mb / 32P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
APRIL 2022
BQ2961 TI-BQ2961_V06 Datasheet
2Mb / 30P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com