Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD13385F5 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13385F5
Description  12-V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13385F5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD13385F5 Datasheet HTML 3Page - Texas Instruments CSD13385F5 Datasheet HTML 4Page - Texas Instruments CSD13385F5 Datasheet HTML 5Page - Texas Instruments CSD13385F5 Datasheet HTML 6Page - Texas Instruments CSD13385F5 Datasheet HTML 7Page - Texas Instruments CSD13385F5 Datasheet HTML 8Page - Texas Instruments CSD13385F5 Datasheet HTML 9Page - Texas Instruments CSD13385F5 Datasheet HTML 10Page - Texas Instruments CSD13385F5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
CSD13385F5
www.ti.com
SLPS612 – OCTOBER 2016
Product Folder Links: CSD13385F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6 Device and Documentation Support
6.1 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
6.2 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
6.3 Trademarks
FemtoFET, E2E are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
6.4 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
6.5 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.


Similar Part No. - CSD13385F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13380F3T TI1-CSD13380F3T Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD13381F4T TI1-CSD13381F4T Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
More results

Similar Description - CSD13385F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com