Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ296216DSGT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ296216DSGT
Description  Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ296216DSGT Datasheet(HTML) 3 Page - Texas Instruments

  BQ296216DSGT Datasheet HTML 1Page - Texas Instruments BQ296216DSGT Datasheet HTML 2Page - Texas Instruments BQ296216DSGT Datasheet HTML 3Page - Texas Instruments BQ296216DSGT Datasheet HTML 4Page - Texas Instruments BQ296216DSGT Datasheet HTML 5Page - Texas Instruments BQ296216DSGT Datasheet HTML 6Page - Texas Instruments BQ296216DSGT Datasheet HTML 7Page - Texas Instruments BQ296216DSGT Datasheet HTML 8Page - Texas Instruments BQ296216DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
bq2961, bq2962
www.ti.com
SLUSBU5C – NOVEMBER 2013 – REVISED OCTOBER 2016
Product Folder Links: bq2961 bq2962
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Product Preview only
5 Device Comparison Table
bq2961 Family
bq2962 Family
OVP (V)
OVP DELAY (s)
UV (V)
LDO (V)
bq296100(1)
4.35
6.5
2.5
3.3
bq296101(1)
4.40
6.5
2.5
3.3
bq296102(1)
bq296202(1)
4.45
6.5
2.5
3.3
bq296103
bq296203(1)
4.50
6.5
2.5
3.3
bq296104(1)
4.35
6.5
2.8
3.3
bq296105(1)
4.40
6.5
2.8
3.3
bq296106
4.45
6.5
2.8
3.3
bq296107
4.50
6.5
2.8
3.3
bq296108(1)
4.50
6.5
2.4
3.3
bq296109(1)
4.325
3.0
2.5
3.3
bq296110(1)
4.45
3.0
2.5
3.3
bq296111
4.45
4.0
2.5
3.3
bq296112
bq296212(1)
4.50
3.0
2.5
3.3
bq296113
bq296213(1)
4.35
3.0
2.5
3.3
bq296114
4.50
4.0
2.5
3.3
bq2961xy
bq2962xy
3.85V - 4.60V in
50mV step
3.0, 4.0, 5.5, 6.5
2.0V - 2.8V in 50mV
step
1.8, 2.5, 3.3 (bq2961)
3, 3.15, 3.3 (bq2962)


Similar Part No. - BQ296216DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ296216DSGT TI1-BQ296216DSGT Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296216DSGT TI1-BQ296216DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296216DSGT TI1-BQ296216DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296216DSGT TI1-BQ296216DSGT Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296216DSGT TI1-BQ296216DSGT Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
More results

Similar Description - BQ296216DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
BQ2961 TI1-BQ2961_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V02 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V03 Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V05 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V04 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V08 Datasheet
2Mb / 32P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
APRIL 2022
BQ2961 TI-BQ2961_V06 Datasheet
2Mb / 30P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com