Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4028 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4028
Description  Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4028 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4028 Datasheet HTML 1Page - Maxim Integrated Products MAX4028 Datasheet HTML 2Page - Maxim Integrated Products MAX4028 Datasheet HTML 3Page - Maxim Integrated Products MAX4028 Datasheet HTML 4Page - Maxim Integrated Products MAX4028 Datasheet HTML 5Page - Maxim Integrated Products MAX4028 Datasheet HTML 6Page - Maxim Integrated Products MAX4028 Datasheet HTML 7Page - Maxim Integrated Products MAX4028 Datasheet HTML 8Page - Maxim Integrated Products MAX4028 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Triple/Quad, 2:1 Video
Multiplexer-Amplifiers with Input Clamps
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, GND = 0V, RL = 150
Ω to GND, VDISABLE = +5V, RKEYREF = 6kΩ, CIN = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
Note 2: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 3: The clamp voltage at the input is VCLAMP (measured at the output) divided by gain + VBE.
Note 4: The key-clamp voltage is above the sync-tip clamp voltage by approximately 0.7V, and is adjusted by varying RKEYREF.
Note 5: Measured at f = 100Hz at thermal equilibrium.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal -3dB Bandwidth
BWSS
VOUT = 100mVP-P
210
MHz
Large-Signal -3dB Bandwidth
BWLS
VOUT = 2VP-P
130
MHz
Small-Signal 0.1dB Gain Flatness
Bandwidth
BW0.1dBSS
VOUT = 100mVP-P
30
MHz
Large-Signal 0.1dB Gain Flatness
Bandwidth
BW0.1dBLS
VOUT = 2VP-P
30
MHz
Slew Rate
SR
VOUT = 2VP-P
300
V/µs
Settling Time to 0.1%
tS
VOUT = 2V step
20
ns
Power-Supply Rejection Ratio
PSRR
f = 100kHz
55
dB
Output Impedance
ZO
f = 100kHz
0.7
Differential Gain Error
DG
5-step modulated staircase
0.2
%
Differential Phase Error
DP
5-step modulated staircase
0.4
degrees
Group Delay
D/dT
f = 3.58MHz or 4.43MHz
1.0
ns
Peak Signal to RMS Noise
SNR
100kHz to 30MHz
70
dB
Channel-to-Channel Crosstalk
XTALK
f = 100kHz
73
dB
A/B Crosstalk
XTALKAB
f = 100kHz
91
dB
Off-Isolation
AISO
VOUT_ = 2VP-P, f = 100kHz
108
dB
Droop
DR
Guaranteed by input clamp current
2
%
SWITCHING CHARACTERISTICS
Channel Switching Time
tSW
20
ns
Enable Time
tON
0.1
µs
Disable Time
tOFF
0.1
µs
Switching Transient
±10
mVP-P


Similar Part No. - MAX4028

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4020 MAXIM-MAX4020 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX40200 MAXIM-MAX40200 Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
MAX40200AUK++ MAXIM-MAX40200AUK+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
More results

Similar Description - MAX4028

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
278Kb / 15P
   Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
Rev 0; 2/09
MAX4023 MAXIM-MAX4023 Datasheet
470Kb / 22P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 0; 1/03
MAX4023 MAXIM-MAX4023_09 Datasheet
410Kb / 23P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
NXP Semiconductors
NX5DV330 PHILIPS-NX5DV330 Datasheet
105Kb / 15P
   Quad 1-of-2 video multiplexer/demultiplexer
Rev. 03-5 August 2009
NX5DV330 NXP-NX5DV330 Datasheet
105Kb / 15P
   Quad 1-of-2 video multiplexer/demultiplexer
Rev. 03-5 August 2009
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com