Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2325 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2325
Description  Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2325 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2325 Datasheet HTML 1Page - Texas Instruments OPA2325 Datasheet HTML 2Page - Texas Instruments OPA2325 Datasheet HTML 3Page - Texas Instruments OPA2325 Datasheet HTML 4Page - Texas Instruments OPA2325 Datasheet HTML 5Page - Texas Instruments OPA2325 Datasheet HTML 6Page - Texas Instruments OPA2325 Datasheet HTML 7Page - Texas Instruments OPA2325 Datasheet HTML 8Page - Texas Instruments OPA2325 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
OPA2325
SBOS637 – OCTOBER 2016
www.ti.com
Product Folder Links: OPA2325
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VS = (V+) – (V–)
6
V
Signal input pins
Voltage(2)
(V–) – 0.5
(V+) + 0.5
V
Current(2)
–10
10
mA
Output short-circuit(3)
Continuous
mA
Temperature
Specified, TA
–40
125
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage
Single supply
2.2
5.5
V
Dual supply
±1.1
±2.75
Specified temperature range
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
OPA2325
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
119.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
59.5
°C/W
RθJB
Junction-to-board thermal resistance
61.1
°C/W
ψJT
Junction-to-top characterization parameter
15.0
°C/W
ψJB
Junction-to-board characterization parameter
60.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - OPA2325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325 TI1-OPA2325 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325 TI1-OPA2325 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325ID TI1-OPA2325ID Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results

Similar Description - OPA2325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com