Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2325 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2325
Description  Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2325 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2325 Datasheet HTML 6Page - Texas Instruments OPA2325 Datasheet HTML 7Page - Texas Instruments OPA2325 Datasheet HTML 8Page - Texas Instruments OPA2325 Datasheet HTML 9Page - Texas Instruments OPA2325 Datasheet HTML 10Page - Texas Instruments OPA2325 Datasheet HTML 11Page - Texas Instruments OPA2325 Datasheet HTML 12Page - Texas Instruments OPA2325 Datasheet HTML 13Page - Texas Instruments OPA2325 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
-20
0
20
40
60
100
1k
10k
100k
1M
10M
Frequency (Hz)
C201
G = +1
G = +10
G = +100
-20
0
20
40
60
100
1k
10k
100k
1M
10M
Frequency (Hz)
C202
G = +100
G = +10
G = +1
1
10
100
1k
1
10
100
1k
10k
100k
Frequency (Hz)
C205
Time
(1 s/div)
C204
-20
-15
-10
-5
0
5
10
15
20
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C012
-15
-10
-5
0
5
10
15
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C011
10
OPA2325
SBOS637 – OCTOBER 2016
www.ti.com
Product Folder Links: OPA2325
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ (unless otherwise noted)
Figure 19. CMRR vs Temperature
Figure 20. PSRR vs Temperature
Figure 21. Input Voltage Noise Spectral Density vs
Frequency
Figure 22. 0.1-Hz to 10-Hz Input Voltage Noise
VS = 1.8 V, RL = 10 kΩ, CL = 15 pF
Figure 23. Closed-Loop Gain vs Frequency
VS = 5.5 V, RL = 10 kΩ, CL = 15 pF
Figure 24. Closed-Loop Gain vs Frequency


Similar Part No. - OPA2325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325 TI1-OPA2325 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325 TI1-OPA2325 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325ID TI1-OPA2325ID Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results

Similar Description - OPA2325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com