Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2325ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2325ID
Description  Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2325ID Datasheet(HTML) 1 Page - Texas Instruments

  OPA2325ID Datasheet HTML 1Page - Texas Instruments OPA2325ID Datasheet HTML 2Page - Texas Instruments OPA2325ID Datasheet HTML 3Page - Texas Instruments OPA2325ID Datasheet HTML 4Page - Texas Instruments OPA2325ID Datasheet HTML 5Page - Texas Instruments OPA2325ID Datasheet HTML 6Page - Texas Instruments OPA2325ID Datasheet HTML 7Page - Texas Instruments OPA2325ID Datasheet HTML 8Page - Texas Instruments OPA2325ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADC
C
VREF
VSS
VDD
5 V
3.3 V
R
OPA2325
Input
+
Copyright © 2016, Texas Instruments Incorporated
±150
±125
±100
±75
±50
±25
0
25
50
75
100
125
150
±3
±2
±1
0
1
2
3
V
CM (V)
C003
V
CM = ±2.85 V
V
CM = 2.85 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA2325
SBOS637 – OCTOBER 2016
OPA2325
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
1
1 Features
1
Precision with Zero-Crossover Distortion:
Low Offset Voltage: 150 μV (max)
High CMRR: 114 dB
Rail-to-Rail I/O
Wide Bandwidth: 10 MHz
Quiescent Current: 650 μA/ch
Single-Supply Voltage Range: 2.2 V to 5.5 V
Low Input Bias Current: 0.2 pA
Low Noise: 9 nV/
√Hz at 10 kHz
Slew Rate: 5 V/μs
Unity-Gain Stable
2 Applications
High-Z Sensor Signal Conditioning
Transimpedance Amplifiers
Test and Measurement Equipment
Programmable Logic Controllers (PLCs)
Motor Control Loops
Communications
Input, Output ADC and DAC Buffers
Active Filters
Offset Voltage vs Input Common-Mode Voltage
3 Description
The OPA2325 device is a dual, precision, low-voltage
complementary metal oxide semiconductor (CMOS)
operational amplifier optimized for very low noise and
wide bandwidth when operating on a low quiescent
current of only 650 μA.
The OPA2325 features a linear input stage with zero-
crossover distortion that delivers excellent common-
mode rejection ratio (CMRR) of typically 114 dB over
the entire input range. The input common-mode
range extends 100 mV beyond the negative and
positive supply rails. The output voltage typically
swings within 10 mV of the rails.
The zero-crossover distortion combined with wide
bandwidth (10 MHz), high slew rate (5 V/µs), and low
noise (9 nV/
√Hz) make the OPA2325 a very good
successive-approximation register (SAR) analog-to-
digital converter (ADC) input driver amplifier. The low
offset, and 0.2-pA input bias current make this device
ideal for a wide range of precision applications with
high-impedance sensors. The unique feature of
interfacing to high-impedance sensors on the input
and being able to drive ADC inputs with very little
distortion make the OPA2325 suitable for various
data acquisition and process control applications.
In addition, the OPA2325 has a wide supply voltage
range from 2.2 V to 5.5 V with excellent power-supply
rejection ratio (PSRR) over the entire supply range,
making the device suitable for precision, low-power
applications that run directly from batteries without
regulation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA2325
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
The OPA2325 as an ADC Driver Amplifier


Similar Part No. - OPA2325ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325ID TI1-OPA2325ID Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325ID TI1-OPA2325ID Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325ID TI1-OPA2325ID Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325ID TI1-OPA2325ID Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325IDGKR TI1-OPA2325IDGKR Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results

Similar Description - OPA2325ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com