Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA830-EPDBV Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA830-EPDBV
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830-EPDBV Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA830-EPDBV Datasheet HTML 2Page - Texas Instruments OPA830-EPDBV Datasheet HTML 3Page - Texas Instruments OPA830-EPDBV Datasheet HTML 4Page - Texas Instruments OPA830-EPDBV Datasheet HTML 5Page - Texas Instruments OPA830-EPDBV Datasheet HTML 6Page - Texas Instruments OPA830-EPDBV Datasheet HTML 7Page - Texas Instruments OPA830-EPDBV Datasheet HTML 8Page - Texas Instruments OPA830-EPDBV Datasheet HTML 9Page - Texas Instruments OPA830-EPDBV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
OPA830-EP
SBOS655 – MARCH 2014
www.ti.com
6.6 Electrical Characteristics, VS = +5V
At -40°C
≤ TJ ≤ 105°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 51).
OPA830TDBV
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
AC PERFORMANCE (see Figure 51)(1)
G = +1, VO ≤ 0.2VPP
250
G = +2, VO ≤ 0.2VPP, -40°C to 85°C
68
110
Small-Signal Bandwidth
MHz
G = +5, VO ≤ 0.2VPP, -40°C to 85°C
15
24
G = +10, VO ≤ 0.2VPP, -40°C to 85°C
6
11
Gain-Bandwidth Product
G
≥ +10, -40°C to 85°C
79
110
MHz
Peaking at a Gain of +1
VO ≤ 0.2VPP, -40°C to 85°C
5
dB
Slew Rate
G = +2, 2V Step, -40°C to 85°C
260
550
V/
μs
Rise Time
0.5V Step, -40°C to 85°C
3.3
5.9
ns
Fall Time
0.5V Step, -40°C to 85°C
3.3
5.9
ns
Settling Time to 0.1%
G = +2, 1V Step, -40°C to 85°C
43
67
ns
Harmonic Distortion
VO = 2VPP, f = 5MHz
RL = 150Ω, -40°C to 85°C
–62
−53
2nd-Harmonic
dBc
RL ≥ 500Ω, -40°C to 85°C
–64
−56
RL = 150Ω, -40°C to 85°C
–58
−48
3rd-Harmonic
dBc
RL ≥ 500Ω, -40°C to 85°C
–84
−60
Input Voltage Noise
f > 1MHz, -40°C to 85°C
9.2
11.2
nV/
√Hz
Input Current Noise
f > 1MHz, -40°C to 85°C
3.5
5.5
pA/
√Hz
NTSC Differential Gain
0.08%
NTSC Differential Phase
0.09
°
DC PERFORMANCE(2)
RL = 150Ω
Open-Loop Voltage Gain
64
72
dB
Input Offset Voltage
±0.5
±6.7
mV
Average Offset Voltage Drift
±28
μV/°C
Input Bias Current
VCM =2.5V
+5
13
μA
Input Bias Current Drift
±12
nA/°C
Input Offset Current
VCM = 2.5V
±0.1
±1.41
μA
Input Offset Current Drift
±5
nA/°C
INPUT
Least Negative Input Voltage(3)
–0.5
–0.2
V
Most Positive Input Voltage(3)
2.75
3.2
V
Common-Mode Rejection Ratio (CMRR)
Input-Referred
72
80
dB
Input Impedance
Differential Mode
10 || 2.1
k
Ω || pF
Common-Mode
400 || 1.2
k
Ω || pF
OUTPUT
G = +5, RL = 1kΩ to 2.5V
0.09
0.13
Least Positive Output Voltage
V
G = +5, RL = 150Ω to 2.5V
0.21
0.26
G = +5, RL = 1kΩ to 2.5V
4.87
4.91
Most Positive Output Voltage
V
G = +5, RL = 150Ω to 2.5V
4.72
4.78
Current Output, Sinking and Sourcing
±52
±80
mA
Short-Circuit Output Current
Output Shorted to Either Supply
140
mA
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.06
Ω
(1)
Limits set by simulation based on
−40°C to 85°C.
(2)
Current is considered positive out of terminal.
(3)
Tested <3dB below minimum specified CMRR at ± CMIR limits.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: OPA830-EP


Similar Part No. - OPA830-EPDBV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA830-EPDBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 NSC-OPA4830 Datasheet
1Mb / 45P
   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA4830IPW TI-OPA4830IPW Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com