Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4872MDREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4872MDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4872MDREP Datasheet HTML 5Page - Texas Instruments OPA4872MDREP Datasheet HTML 6Page - Texas Instruments OPA4872MDREP Datasheet HTML 7Page - Texas Instruments OPA4872MDREP Datasheet HTML 8Page - Texas Instruments OPA4872MDREP Datasheet HTML 9Page - Texas Instruments OPA4872MDREP Datasheet HTML 10Page - Texas Instruments OPA4872MDREP Datasheet HTML 11Page - Texas Instruments OPA4872MDREP Datasheet HTML 12Page - Texas Instruments OPA4872MDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
1M
100k
10k
1k
100
10
Frequency(Hz)
10k
100k
1M
10M
100M
1G
0
-45
-90
-135
-180
-225
<Z
OL
½
½
Z
OL
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Frequency(Hz)
1M
10M
100M
1G
Input-referred
1M
100k
10k
1k
100
10
1
0.1
Frequency(Hz)
100k
1M
10M
100M
1G
Disabled(orShutdown)
Enabled
100M
10M
1M
100k
10k
1k
100
Frequency(Hz)
10k
100k
1M
10M
100M
1G
Disabled
Enabled
78.00
76.75
75.50
74.25
73.00
71.75
70.50
69.25
68.00
AmbientTemperature( C)
°
-50
-25
0
25
50
75
100
125
15.00
13.75
12.50
11.25
10.00
8.75
7.50
6.25
5.00
SupplyCurrent(I )
Q
+I
OUT
-IOUT
60
50
40
30
20
10
0
Frequency(Hz)
1k
10k
100k
1M
10M
100M
1G
-PSRR
+PSRR
Input-referred
OPA4872-EP
www.ti.com........................................................................................................................................................................................... SBOS444 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
OPEN-LOOP TRANSIMPEDANCE GAIN AND PHASE vs
ALL HOSTILE CROSSTALK vs FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
INPUT IMPEDANCE vs FREQUENCY
Figure 21.
Figure 22.
PSRR vs FREQUENCY
OUTPUT AND SUPPLY CURRENT vs TEMPERATURE
Figure 23.
Figure 24.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA4872-EP


Similar Part No. - OPA4872MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4872MDREP TI-OPA4872MDREP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
More results

Similar Description - OPA4872MDREP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com