Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2376IDGKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2376IDGKT
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2376IDGKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2376IDGKT Datasheet HTML 6Page - Texas Instruments TLV2376IDGKT Datasheet HTML 7Page - Texas Instruments TLV2376IDGKT Datasheet HTML 8Page - Texas Instruments TLV2376IDGKT Datasheet HTML 9Page - Texas Instruments TLV2376IDGKT Datasheet HTML 10Page - Texas Instruments TLV2376IDGKT Datasheet HTML 11Page - Texas Instruments TLV2376IDGKT Datasheet HTML 12Page - Texas Instruments TLV2376IDGKT Datasheet HTML 13Page - Texas Instruments TLV2376IDGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Time (400 ns/div)
Time (2 s/div)
m
1k
6
5
4
3
2
1
0
Frequency (Hz)
10M
100k
10k
1M
V = 5.5 V
S
V = 5 V
S
V = 2.5 V
S
10
50
40
30
20
10
0
Load Capacitance (pF)
1k
100
Offset Voltage ( V)
m
½
°
½
Offset Voltage Drift ( V/ C)
m
10
TLV376, TLV2376, TLV4376
SBOS755 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 13. Offset Voltage Production Distribution
Histogram
Figure 14. Offset Voltage Drift Production Distribution
Histogram (–40°C to 125°C)
Figure 15. Maximum Output Voltage vs Frequency
Figure 16. Small-Signal Overshoot vs Load Capacitance
G = +1 V/V, RL = 10 kΩ, CL = 50 pF
Figure 17. Small-Signal Pulse Response
G = +1 V/V, RL = 2 kΩ, CL = 50 pF
Figure 18. Large-Signal Pulse Response


Similar Part No. - TLV2376IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI1-TLV2370 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2370ID TI-TLV2370ID Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370ID TI-TLV2370ID Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2376IDGKT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
   Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
OP113 AD-OP113 Datasheet
328Kb / 16P
   Low Noise, Low Drift Single-Supply Operational Amplifiers
REV. C
OP213 AD-OP213_15 Datasheet
486Kb / 24P
   Low Noise, Low Drift Single-Supply Operational Amplifiers
OP113 AD-OP113_07 Datasheet
485Kb / 24P
   Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com