Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3541IDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3541IDR
Description  TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3541IDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3541IDR Datasheet HTML 2Page - Texas Instruments TLV3541IDR Datasheet HTML 3Page - Texas Instruments TLV3541IDR Datasheet HTML 4Page - Texas Instruments TLV3541IDR Datasheet HTML 5Page - Texas Instruments TLV3541IDR Datasheet HTML 6Page - Texas Instruments TLV3541IDR Datasheet HTML 7Page - Texas Instruments TLV3541IDR Datasheet HTML 8Page - Texas Instruments TLV3541IDR Datasheet HTML 9Page - Texas Instruments TLV3541IDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TLV3541, TLV3542, TLV3544
SBOS756 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV3541 TLV3542 TLV3544
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics (SPRA953).
6.4 Thermal Information: TLV3541
THERMAL METRIC(1)
TLV3541
UNIT
D (SOIC)
DBV (SOT-23)
8 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
123.8
216.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
68.7
84.3
°C/W
RθJB
Junction-to-board thermal resistance
64.5
43.1
°C/W
ψJT
Junction-to-top characterization parameter
23.0
3.8
°C/W
ψJB
Junction-to-board characterization parameter
64.0
42.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics (SPRA953).
6.5 Thermal Information: TLV3542
THERMAL METRIC(1)
TLV3542
UNIT
D (SOIC)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
113.9
175.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.4
67.8
°C/W
RθJB
Junction-to-board thermal resistance
54.1
97.1
°C/W
ψJT
Junction-to-top characterization parameter
17.1
9.3
°C/W
ψJB
Junction-to-board characterization parameter
53.6
95.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics (SPRA953).
6.6 Thermal Information: TLV3544
THERMAL METRIC(1)
TLV3544
UNIT
D (SOIC)
PW (TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
83.8
92.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.7
27.5
°C/W
RθJB
Junction-to-board thermal resistance
59.5
33.6
°C/W
ψJT
Junction-to-top characterization parameter
11.6
1.9
°C/W
ψJB
Junction-to-board characterization parameter
37.7
33.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W


Similar Part No. - TLV3541IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3541IDR TI1-TLV3541IDR Datasheet
1Mb / 31P
[Old version datasheet]   200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV3541IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3541 TI1-TLV3541 Datasheet
1Mb / 31P
[Old version datasheet]   200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com