Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC21521DW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21521DW
Description  UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21521DW Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC21521DW Datasheet HTML 2Page - Texas Instruments UCC21521DW Datasheet HTML 3Page - Texas Instruments UCC21521DW Datasheet HTML 4Page - Texas Instruments UCC21521DW Datasheet HTML 5Page - Texas Instruments UCC21521DW Datasheet HTML 6Page - Texas Instruments UCC21521DW Datasheet HTML 7Page - Texas Instruments UCC21521DW Datasheet HTML 8Page - Texas Instruments UCC21521DW Datasheet HTML 9Page - Texas Instruments UCC21521DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
UCC21521
SLUSCO3 – OCTOBER 2016
www.ti.com
Product Folder Links: UCC21521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
(2)
This coupler is suitable for basic electrical insulation only within the maximum operating ratings. Compliance with the safety ratings shall
be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-terminal device.
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
CLR
External clearance(1)
Shortest terminal to terminal distance through air
> 8
mm
CPG
External creepage(1)
Shortest terminal to terminal distance across the package
surface
> 8
mm
DTI
Distance through insulation
Distance through internal isolation (internal clearance)
>21
µm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
> 600
V
Material group
According to IEC 60664-1
I
Overvoltage category per
IEC 60664-1
Rated mains voltage
≤ 600 VRMS
I-IV
Rated mains voltage
≤ 1000 VRMS
I-III
DIN V VDE 0884-10 (VDE V 0884-10): 2006-2012(2)
VIORM
Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
2121
VPK
VIOWM
Maximum isolation working
voltage
Time dependent dielectric breakdown (TDDB) test, (See
Figure 1)
1500
VRMS
2121
VDC
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM
t = 60 sec (qualification)
t = 1 sec (100% production)
8000
VPK
VIOSM
Maximum surge isolation
voltage(3)
Test method per IEC 60065, 1.2/50 µs waveform, VTEST = 1.6
× VIOSM = 12800 VPK (qualification)
8000
VPK
qpd
Apparent charge(4)
Method a, After Input/Output safety test subgroup 2/3. Vini =
VIOTM, tini = 60s;
Vpd(m) = 1.2 X VIORM = 2545 VPK, tm = 10s
<5
pC
Method a, After environmental tests subgroup 1. Vini = VIOTM,
tini = 60s;
Vpd(m) = 1.6 X VIORM = 3394 VPK, tm = 10s
<5
Method
b1;
At
routine
test
(100%
production)
and
preconditioning (type test)
Vini = VIOTM; tini = 1s;
Vpd(m) = 1.875 * VIORM = 3977 VPK , tm = 1s
<5
CIO
Barrier capacitance, input to
output(5)
VIO = 0.4 sin (2πft), f =1 MHz
1.2
pF
RIO
Isolation resistance, input to
output
VIO = 500 V at TA = 25°C
> 1012
Ω
VIO = 500 V at 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V at TS =150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO = 5700 VRMS, t = 60 sec. (qualification),
VTEST = 1.2 × VISO = 6840VRMS, t = 1 sec (100% production)
5700
VRMS


Similar Part No. - UCC21521DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver
UCC21520 TI1-UCC21520 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520 TI1-UCC21520 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21521DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21530 TI1-UCC21530 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21530-Q1 TI1-UCC21530-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21530-Q1 TI-UCC21530-Q1_V01 Datasheet
2Mb / 46P
[Old version datasheet]   UCC21530-Q1 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com