Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC21521ADWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21521ADWR
Description  UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21521ADWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC21521ADWR Datasheet HTML 6Page - Texas Instruments UCC21521ADWR Datasheet HTML 7Page - Texas Instruments UCC21521ADWR Datasheet HTML 8Page - Texas Instruments UCC21521ADWR Datasheet HTML 9Page - Texas Instruments UCC21521ADWR Datasheet HTML 10Page - Texas Instruments UCC21521ADWR Datasheet HTML 11Page - Texas Instruments UCC21521ADWR Datasheet HTML 12Page - Texas Instruments UCC21521ADWR Datasheet HTML 13Page - Texas Instruments UCC21521ADWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Ambient Temperature (qC)
0
50
100
150
200
0
10
20
30
40
50
60
70
80
D001
IVDDA/B for VDD=12V
IVDDA/B for VDD=25V
Ambient Temperature (qC)
0
50
100
150
200
0
300
600
900
1200
1500
1800
D001
Stress Voltage (VRMS)
500
1500 2500 3500 4500 5500 6500 7500 8500 9500
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
1.E+10
1.E+11
Safety Margin Zone: 1800 VRMS, 254 Years
Operating Zone: 1500 VRMS, 135 Years
20%
87.5%
TDDB Line (<1 PPM Fail Rate)
10
UCC21521
SLUSCO3 – OCTOBER 2016
www.ti.com
Product Folder Links: UCC21521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.11 Insulation Characteristics Curves
Figure 1. Reinforced Isolation Capacitor
Life Time Projection
Figure 2. Thermal Derating Curve for Safety-Related
Limiting Current
(Current in Each Channel with Both Channels Running
Simultaneously)
Figure 3. Thermal Derating Curve for Safety-Related
Limiting Power


Similar Part No. - UCC21521ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver
UCC21520 TI1-UCC21520 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520 TI1-UCC21520 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21521ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21530 TI1-UCC21530 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21530-Q1 TI1-UCC21530-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21530-Q1 TI-UCC21530-Q1_V01 Datasheet
2Mb / 46P
[Old version datasheet]   UCC21530-Q1 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com