Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL1831MOD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # WL1831MOD
Description  WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

WL1831MOD Datasheet(HTML) 3 Page - Texas Instruments

  WL1831MOD Datasheet HTML 1Page - Texas Instruments WL1831MOD Datasheet HTML 2Page - Texas Instruments WL1831MOD Datasheet HTML 3Page - Texas Instruments WL1831MOD Datasheet HTML 4Page - Texas Instruments WL1831MOD Datasheet HTML 5Page - Texas Instruments WL1831MOD Datasheet HTML 6Page - Texas Instruments WL1831MOD Datasheet HTML 7Page - Texas Instruments WL1831MOD Datasheet HTML 8Page - Texas Instruments WL1831MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
WL1801MOD, WL1805MOD, WL1831MOD, WL1835MOD
www.ti.com
SWRS152L – JULY 2013 – REVISED DECEMBER 2015
Table of Contents
5.16
Bluetooth LE Performance: Transmitter
1
Device Overview
......................................... 1
Characteristics
....................................... 18
1.1
Features
.............................................. 1
5.17
Bluetooth LE Performance: Modulation
1.2
Applications
........................................... 1
Characteristics
....................................... 18
1.3
Description
............................................ 2
5.18
Bluetooth BR and EDR Dynamic Currents
.......... 18
1.4
Functional Block Diagram
............................ 2
5.19
Bluetooth LE Currents
.............................. 19
2
Revision History
......................................... 3
5.20
Timing and Switching Characteristics
............... 19
3
Device Comparison
..................................... 5
6
Detailed Description
................................... 28
4
Terminal Configuration and Functions
.............. 6
6.1
WLAN Features
..................................... 29
4.1
Pin Description
....................................... 8
6.2
Bluetooth Features
.................................. 29
5
Specifications
.......................................... 11
6.3
Bluetooth LE Features
.............................. 29
5.1
Absolute Maximum Ratings
......................... 11
6.4
WiLink 8 Module Markings
.......................... 30
5.2
ESD Ratings
........................................ 11
6.5
Test Grades
......................................... 30
5.3
Power-On Hours (POH)
............................. 11
7
Applications and Implementation
................... 31
5.4
Recommended Operating Conditions
............... 12
7.1
Application Information
.............................. 31
5.5
External Digital Slow Clock Requirements
.......... 12
8
Device and Documentation Support
............... 37
5.6
Thermal Characteristics for MOC 100-Pin Package
12
8.1
Device Support
...................................... 37
5.7
WLAN Performance: 2.4-GHz Receiver
8.2
Related Links
........................................ 37
Characteristics
....................................... 13
8.3
Community Resources
.............................. 37
5.8
WLAN Performance: 2.4-GHz Transmitter Power
.. 14
8.4
Trademarks
.......................................... 37
5.9
WLAN Performance: Currents
...................... 15
8.5
Electrostatic Discharge Caution
..................... 38
5.10
Bluetooth Performance: BR, EDR Receiver
Characteristics—In-Band Signals
................... 15
8.6
Glossary
............................................. 38
5.11
Bluetooth Performance: Transmitter, BR
........... 16
9
Mechanical Packaging and Orderable
Information
.............................................. 39
5.12
Bluetooth Performance: Transmitter, EDR
.......... 16
9.1
TI Module Mechanical Outline
...................... 39
5.13
Bluetooth Performance: Modulation, BR
............ 17
9.2
Tape and Reel Information
.......................... 40
5.14
Bluetooth Performance: Modulation, EDR
.......... 17
9.3
Packaging Information
.............................. 42
5.15
Bluetooth LE Performance: Receiver
Characteristics – In-Band Signals
................... 17
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (November 2014) to Revision L
Page
Changed Features section
.......................................................................................................... 1
Changed Section 1.3, Description
.................................................................................................. 2
Added support at 802.11 g/n to note 1 in Table 3-1
............................................................................. 5
Changed to reflect correct corner pin marking in Figure 4-1 and Figure 4-2
................................................. 6
Changed pin 64 to GND in Table 4-1
............................................................................................. 8
Changed description for pin 14 (WL_IRQ_1V8) in Table 4-1
.................................................................. 8
Changed description of WL_IRQ_1V8 in Table 4-1
.............................................................................. 9
Added storage temperature to Section 5.1, Absolute Maximum Ratings
.................................................... 11
Added Section 5.2, ESD Ratings (removed Handling Ratings table)
........................................................ 11
Added TYP values for VBAT, VIO in Section 5.4, Recommended Operating Conditions
................................. 12
Added VIO parameter in Section 5.4, Recommended Operating Conditions
............................................... 12
Changed Section 5.6, Thermal Characteristics
................................................................................. 12
Changed parameter heading from "2G4_ANT2_W + 2G4_ANT1_WB Pins" in Section 5.8, WLAN Performance:
2.4-GHz Transmitter Power
........................................................................................................ 14
Added note on maximum transmitter power degradation and changed note on regulatory constraints in
Section 5.8, WLAN Performance: 2.4-GHz Transmitter Power
............................................................... 14
Added note 1 in Section 5.10, Bluetooth Performance: BR, EDR Receiver Characteristics—In-Band Signals
........ 15
Added note 1 in Section 5.11, Bluetooth Transmitter, BR
..................................................................... 16
Changed note 3 from "Assumes VBAT ADC measurement accuracy of 5%" in Section 5.11, Bluetooth
Transmitter, BR
...................................................................................................................... 16
Changed BR RF output power from 12.7 dBm typical in Section 5.11 , Bluetooth Performance: Transmitter, BR
... 16
Copyright © 2013–2015, Texas Instruments Incorporated
Revision History
3
Submit Documentation Feedback
Product Folder Links: WL1801MOD WL1805MOD WL1831MOD WL1835MOD


Similar Part No. - WL1831MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1831 TI-WL1831 Datasheet
1Mb / 11P
[Old version datasheet]   WL18x1 WiLink??8 Single-Band Combo Device Supporting Wi-Fi짰 , Bluetooth짰 , and Bluetooth짰 Low Energy
WL1831GYFVR TI-WL1831GYFVR Datasheet
1Mb / 11P
[Old version datasheet]   WL18x1 WiLink??8 Single-Band Combo Device Supporting Wi-Fi짰 , Bluetooth짰 , and Bluetooth짰 Low Energy
More results

Similar Description - WL1831MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
   Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
WL1807MOD TI-WL1807MOD_15 Datasheet
1Mb / 46P
[Old version datasheet]   WL18x7MOD WiLink??8 Dual-Band Industrial Module ??Wi-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
   AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
   Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
   2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
NXP Semiconductors
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com