Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL1835MOD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # WL1835MOD
Description  WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

WL1835MOD Datasheet(HTML) 4 Page - Texas Instruments

  WL1835MOD Datasheet HTML 1Page - Texas Instruments WL1835MOD Datasheet HTML 2Page - Texas Instruments WL1835MOD Datasheet HTML 3Page - Texas Instruments WL1835MOD Datasheet HTML 4Page - Texas Instruments WL1835MOD Datasheet HTML 5Page - Texas Instruments WL1835MOD Datasheet HTML 6Page - Texas Instruments WL1835MOD Datasheet HTML 7Page - Texas Instruments WL1835MOD Datasheet HTML 8Page - Texas Instruments WL1835MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
WL1801MOD, WL1805MOD, WL1831MOD, WL1835MOD
SWRS152L – JULY 2013 – REVISED DECEMBER 2015
www.ti.com
Added note 1 in Section 5.11, Bluetooth Transmitter, BR
..................................................................... 16
Changed note 3 from "Assumes VBAT ADC measurement accuracy of 5%" in Section 5.12, Bluetooth
Transmitter, EDR
.................................................................................................................... 16
Added note 1 in Section 5.13, Bluetooth Performance: Modulation, BR
..................................................... 17
Added note 1 in Section 5.14, Bluetooth Performance: Modulation, EDR
................................................... 17
Added note 1 in Section 5.15, Bluetooth LE Performance: Receiver Characteristics – In-Band Signals
............... 17
Changed note 3 from "Assumes VBAT ADC measurement accuracy of 5%"
.............................................. 18
Changed Bluetooth LE RF transmitter output power from 10.0 dBm typical (VBAT
≥ 3V) and 7.2 dBM (VBAT ≤
3V) in Section 5.16, Bluetooth LE Performance: Transmitter Characteristics
............................................... 18
Added note 1 through note 3 in Section 5.16, Bluetooth LE Performance: Transmitter Characteristics
................ 18
Deleted note: "To reduce the maximum BLE power, use a VS command. The optional extra margin is offered to
compensate for design losses, such as trace and filter losses, and to achieve the maximum allowed output
power at system level." in Section 5.16, Bluetooth LE Performance: Transmitter Characteristics
...................... 18
Added note 1 in Section 5.17, Bluetooth LE Performance: Modulation Characteristics
................................... 18
Changed BR power from 12.7 dBm in Section 5.18, Bluetooth-BLE Dynamic Currents
................................. 18
Added power supply current of VIO 60 µA for WLAN and Bluetooth sleep modes in Table 6-3
......................... 29
Changed from Bluetooth 4.0 in Section 6.2, Bluetooth
........................................................................ 29
Changed reference design from WL1835MODB in Section 7.1.1, Typical Application – WL1835MODGB
............. 31
Changed Figure 7-1
................................................................................................................. 31
Changed BOM in Table 7-1 Section 7.1.1, Typical Application – WL1835MODGB
........................................ 32
Added note in Section 7.1.3, RF Trace and Antenna Layout Recommendations
......................................... 33
Changed board name from TMDXWL1835MODCOM8B in Figure 7-2
...................................................... 33
Changed note in Section 7.1.6.2, SMT Recommendations.
................................................................... 36
Changed corner marking from pin 1 in Figure 9-1
.............................................................................. 39
Added module weight in Section 9.1, Mechanical Packaging and Orderable Information
................................ 39
Added Section 9.2, Tape and Reel Information
................................................................................ 40
4
Revision History
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: WL1801MOD WL1805MOD WL1831MOD WL1835MOD


Similar Part No. - WL1835MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1835MODCOM8B TI1-WL1835MODCOM8B Datasheet
2Mb / 24P
[Old version datasheet]   WLAN MIMO and Bluetooth Module
More results

Similar Description - WL1835MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
   Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
WL1807MOD TI-WL1807MOD_15 Datasheet
1Mb / 46P
[Old version datasheet]   WL18x7MOD WiLink??8 Dual-Band Industrial Module ??Wi-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
   AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
   Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
   2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
NXP Semiconductors
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com