Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL1805MODGBMOCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # WL1805MODGBMOCR
Description  WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

WL1805MODGBMOCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button WL1805MODGBMOCR Datasheet HTML 7Page - Texas Instruments WL1805MODGBMOCR Datasheet HTML 8Page - Texas Instruments WL1805MODGBMOCR Datasheet HTML 9Page - Texas Instruments WL1805MODGBMOCR Datasheet HTML 10Page - Texas Instruments WL1805MODGBMOCR Datasheet HTML 11Page - Texas Instruments WL1805MODGBMOCR Datasheet HTML 12Page - Texas Instruments WL1805MODGBMOCR Datasheet HTML 13Page - Texas Instruments WL1805MODGBMOCR Datasheet HTML 14Page - Texas Instruments WL1805MODGBMOCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
WL1801MOD, WL1805MOD, WL1831MOD, WL1835MOD
www.ti.com
SWRS152L – JULY 2013 – REVISED DECEMBER 2015
5
Specifications
All specifications are measured at the module pins using the TI WL1835MODCOM8 evaluation board. All
measurements are performed with VBAT = 3.7 V, VIO = 1.8 V, 25°C for typical values with matched RF
antennas, unless otherwise indicated.
NOTE
For level-shifting I/Os with the TI WL18x5MOD, see Level Shifting WL18xx I/Os Application
Report (SWRA448).
NOTE
This device as presently configured has been granted US Federal Communications
Commission (FCC) equipment authorization (reference number Z64-WL18DBMOD). Any
modifications to the device software or configuration, including but not limited to the init files,
can cause device performance to vary beyond the scope of the currently referenced FCC
authorization. Accordingly, if any user modifications are sought to be made to the device
software or configuration, the user may be required to independently seek fresh FCC and
other regulatory authorizations as relevant before distributing or marketing the devices or
products incorporating the same.
5.1
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
VALUE
UNIT
VBAT
4.8(2)
V
VIO
–0.5 to 2.1
V
Input voltage to analog pins
–0.5 to 2.1
V
Input voltage limits (CLK_IN)
–0.5 to VDD_IO
V
Input voltage to all other pins
–0.5 to (VDD_IO + 0.5 V)
V
Operating ambient temperature range
–20 to +70(3)
°C
Storage temperature, Tstg
–40 to +85
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
4.8 V cumulative to 2.33 years, including charging dips and peaks
(3)
Operating free-air temperature range at which the device can operate reliably for 15K cumulative active TX power-on hours (assuming a
maximum junction temperature of (Tj) of 125°C). Section 5.3, Power-On Hours (POH), describes the correlation between Tj and PoH. In
the WL18xx system, a control mechanism automatically ensures Tj < 125°C. Whenever Tj approaches the threshold, this mechanism
controls the transmitter patterns.
5.2
ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD) Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3
Power-On Hours (POH)
(1)
OPERATING JUNCTION TEMPERATURE (°C)
POH
125
15,000
120
20,000
115
27,000
(1)
This information is provided solely to give the customer an estimation of the POH under certain specified conditions and does not extend
the warranty for the device under TI’s Standard Terms and Conditions.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: WL1801MOD WL1805MOD WL1831MOD WL1835MOD


Similar Part No. - WL1805MODGBMOCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1801 TI-WL1801 Datasheet
1Mb / 11P
[Old version datasheet]   WL18x1 WiLink??8 Single-Band Combo Device Supporting Wi-Fi짰 , Bluetooth짰 , and Bluetooth짰 Low Energy
WL1801GYFVR TI-WL1801GYFVR Datasheet
1Mb / 11P
[Old version datasheet]   WL18x1 WiLink??8 Single-Band Combo Device Supporting Wi-Fi짰 , Bluetooth짰 , and Bluetooth짰 Low Energy
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
WL1807MOD TI1-WL1807MOD Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1807MODGIMOCR TI1-WL1807MODGIMOCR Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
More results

Similar Description - WL1805MODGBMOCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
[Old version datasheet]   WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
   Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
WL1807MOD TI-WL1807MOD_15 Datasheet
1Mb / 46P
[Old version datasheet]   WL18x7MOD WiLink??8 Dual-Band Industrial Module ??Wi-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
   AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
   Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
   2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
NXP Semiconductors
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com