Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICF0442V1xC Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # ICF0442V1xC
Description  Wide Input 1000 Watt Isolated Full Brick DC-DC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ICF0442V1xC Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button ICF0442V1xC Datasheet HTML 4Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 5Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 6Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 7Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 8Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 9Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 10Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 11Page - Murata Power Solutions Inc. ICF0442V1xC Datasheet HTML 12Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.murata-ps.com/support
MDC_ICF_A01 Page 8 of 16
ICF Series
Wide Input 1000 Watt Isolated Full Brick DC-DC
Safety Requirements
Basic Insulation is provided between input and the output. The
converters have no internal fuse. To comply with safety agencies
requirements, a fast-acting or time-delay fuse is to be provided in
the unearthed lead. Recommended fuse values are:
a)
140A for 9V<Vin<18V
b)
90A for 18V<Vin<36V.
Electromagnetic Compatibility (EMC)
EMC requirements must be met at the end-product system level,
as no specific standards dedicated to EMC characteristics of board
mounted component dc-dc converters exist.
With the addition of a two stage external filter, the ICF converters
will pass the requirements of MILSTD-461F CE102 Base Curve for
conducted emissions. Note that 5uH LISN should be used in order
to enable operation of the converter at low input voltage.
Remote Sense Pins (Pins 10 and 11)
Sense inputs compensate for output voltage inaccuracy delivered
at the load.
Fig. 2: Circuit configuration for Remote sense function.
The sense input and power Vout pins are internally connected
through 100Ω (SENSE+ to +OUT) and 10 Ω (SENSE- to –OUT)
resistors enabling the converter to operate without external
connection to the Sense. If the Sense function is not used for
remote regulation, the user should connect SENSE- (Pin 10) to –
OUT (Pins 8 and 9) and SENSE+ (Pin 11) to +OUT (Pins 5 and 6) at
the converter pins.
Sense lines must be treated with care in PCB layouts and should
run adjacent to DC signals. If cables and discrete wiring is used, it
is recommended to use twisted pair, shielded tubing or similar
techniques.
The maximum voltage difference between Sense inputs and
corresponding power pins should be kept below 1V, i.e.:
V(SENSE+) - V(+OUT) ≤ 1V
V(-OUT) – V(SENSE-) ≤ 1V
Note that maximum output power is determined by maximum
output current and highest output voltage at the output pins of
the converter:
[V(+OUT) – V(-OUT)]x Iout ≤ Pout rated
Output Voltage Adjust/TRIM (Pin 12)
The TRIM (Pin 12) allows user to adjust output voltage 10% up or -
40% down relative to rated nominal voltage by addition of external
trim resistor. Trim resistor should be mounted close to the
converter and connected with short leads. Internal resistor in the
converter used for the TRIM is high precision 0.1% with
temperature coefficient 25 ppm/ ºC. The accuracy of the TRIM is
therefore determined by tolerance of external Trim resistor. If
trimming is not used, the TRIM pin should be left open.
Trim Down – Decrease Output Voltage
Trimming down is accomplished by connecting an
external
resistor, Rtrim-down, between the TRIM (pin 12) and the SENSE-
(pin 10), with a value of:
Rtrim-down =
− 9.98
[kΩ]
Where,
Rtrim-down = Required value of the trim-down resistor [kΩ]
VO(NOM)
= Nominal value of output voltage
[V]
VO(REQ)
= Required value of output voltage
[V]
∆ =
(
)
(
)
(
)
[%]
Fig. 3: Circuit configuration for Trim-down function
To trim the output voltage 10% (∆=10) down, required external
trim resistance is:
Rtrim-down =
10 − 9.98
= 39.92 k


Similar Part No. - ICF0442V1xC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICF05003A006V-001-R TDK-ICF05003A006V-001-R Datasheet
178Kb / 2P
   DC-DC Converters
iCF05003A006V-003-R TDK-iCF05003A006V-003-R Datasheet
209Kb / 2P
   3A Non-isolated SMT Point Of Load
ICF05003A006V-006-R TDK-ICF05003A006V-006-R Datasheet
178Kb / 2P
   DC-DC Converters
ICF05003A006V-007-R TDK-ICF05003A006V-007-R Datasheet
178Kb / 2P
   DC-DC Converters
More results

Similar Description - ICF0442V1xC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
UWS MURATA-PS-UWS Datasheet
924Kb / 25P
   Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
logo
Murata Manufacturing Co...
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com