Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1L9226X Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S1L9226X
Description  RF AMP & SERVO SIGNAL PROCESSOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1L9226X Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S1L9226X Datasheet HTML 6Page - Samsung semiconductor S1L9226X Datasheet HTML 7Page - Samsung semiconductor S1L9226X Datasheet HTML 8Page - Samsung semiconductor S1L9226X Datasheet HTML 9Page - Samsung semiconductor S1L9226X Datasheet HTML 10Page - Samsung semiconductor S1L9226X Datasheet HTML 11Page - Samsung semiconductor S1L9226X Datasheet HTML 12Page - Samsung semiconductor S1L9226X Datasheet HTML 13Page - Samsung semiconductor S1L9226X Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
S1L9226X
RF AMP & SERVO SIGNAL PROCESSOR
4
PRELIMINARY
Table 2. Electrical Characteristics (Continued)
No.
Characteristics
Symbols
Test Block
Spec
Unit
Min.
Typ.
Max.
96
Tracking gain win T3
VTGWT3
Interface
240
300
360
mV
97
Tracking gain win T4
VTGWT4
140
200
260
mV
98
Tracking gain win T5
VTGWT5
440
500
560
mV
99
Tracking gain win T6
VTGWT6
340
400
460
mV
100
Tracking BAL win T1
VTBWT1
-50
0
50
mV
101
Tracking BAL win T2
VTBWT2
-50
0
50
mV
102
Reference voltage
VREF
VREF
-100
0
100
mV
103
Reference current H
IREFH
-100
0
100
mV
104
Reference current L
IREFL
-100
0
100
mV
105
F. Servo off offset
VOSF1
Focus Servo
-100
0
100
mV
106
F. Servo DAC on offset
VOSF2
0
250
550
mV
107
F. Servo auto offset
VAOF
-65
0
65
mV
108
F. Servo auto ISTAT
VISTAT2
2.2
-
-
V
109
FERR FEBIAS status
VFEBIAS
-50
0
50
mV
110
F. Servo loop gain
GF
17
21.5
24
dB
111
F. Servo output voltage H
VFOH
2.2
-
-
V
112
F. Servo output voltage L
VFOL
-
-
0.5
V
113
F. Servo oscillation voltage
VFOSC
0
100
200
mV
114
F. Servo feed through
GFF
-
-
-35
dB
115
F. Servo search voltage H
VFSH
0.30
0.50
0.70
V
116
F. Servo search voltage L
VFSL
-0.70
-0.50
-0.30
V
117
Focus full gain
GFSFG
40.0
44.5
49.0
dB
118
F. Servo AC gain 1
GFA1
17.0
21.0
25.0
dB
119
F. Servo AC phase 1
PFA1
30
60
90
deg
120
F. Servo AC gain 2
GFA2
14.0
17.5
21.0
dB
121
F. Servo AC phase 2
PFA2
30
60
90
deg
122
F. Servo muting
GMUTT
-
-
-15
dB
123
F.Servo AC gain difference
GFAD
1.5
5
8
dB
124
F. Servo AC characteristic 1
GFAC1
1.75
2.25
2.80
125
F. Servo AC characteristic 2
GFAC2
1.05
1.55
2.05
-
126
F. Servo AC characteristic 3
GFAC3
1.05
1.55
2.05
-


Similar Part No. - S1L9226X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02 SAMSUNG-S1L9223B02 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02-T0R0 SAMSUNG-S1L9223B02-T0R0 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
   VIDEO-CD 2ND GENERATION
More results

Similar Description - S1L9226X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
KB9223 SAMSUNG-KB9223 Datasheet
614Kb / 34P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9225 SAMSUNG-S1L9225 Datasheet
623Kb / 60P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02 SAMSUNG-S1L9223B02 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
logo
Rohm
BU9312AKS ROHM-BU9312AKS Datasheet
127Kb / 6P
   Servo signal processor for CD
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
CXA1182Q-Z SONY-CXA1182Q-Z Datasheet
1Mb / 28P
   Servo Signal Processor for CD Plaer
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com