Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM15-050-Q48 Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # SPM15-050-Q48
Description  Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SPM15-050-Q48 Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  SPM15-050-Q48 Datasheet HTML 1Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 2Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 3Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 4Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 5Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 6Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 7Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 8Page - Murata Power Solutions Inc. SPM15-050-Q48 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
SPM15 Series
Single Output Potted Metal Package
Isolated 15-Watt DC-DC Converters
MDC_SPM15.C03 Page 5 of 36
www.murata-ps.com/support
TYPICAL PERFORMANCE DATA, SPM15-033-Q12
90
88
86
84
82
80
78
76
74
72
70
68
66
64
62
60
58
56
54
52
0.5
0.9
1.4
1.8
2.3
2.7
3.2
3.6
4.1
4.5
Load Current (Amps)
VIN = 9V
VIN = 12V
VIN = 24V
VIN = 36V
Maximum Current Temperature Derating at sea level
Vin = 9V, 12V, or 24V (air flow from Pin J1 to Pin J2 on PCB)
Maximum Current Temperature Derating at sea level
Vin = 36V (air flow from Pin J1 to Pin J2 on PCB)
0
1
2
3
4
5
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (°C)
Natural Convection
0
1
2
3
4
5
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (°C)
.5 m/s (100 LFM)
Efficiency vs. Line Voltage and Load Current @ 25°C
Power Dissipation
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.5
0.9
1.4
1.8
2.3
2.7
3.2
3.6
4.1
4.5
VIN = 9V
VIN = 12V
VIN = 24V
VIN = 36V
Output Load C urre nt (Amps)


Similar Part No. - SPM15-050-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SPM15-050-Q48 MURATA-PS-SPM15-050-Q48 Datasheet
1,010Kb / 36P
   Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
2016
More results

Similar Description - SPM15-050-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
   Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
logo
Murata Manufacturing Co...
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Intronics Power, Inc.
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1500 INTRONICS-DC1500 Datasheet
165Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1600 INTRONICS-DC1600 Datasheet
172Kb / 1P
   15 Watt Triple Output DC-DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
Astrodyne Corporation
LCD15W ASTRODYNE-LCD15W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
logo
List of Unclassifed Man...
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com