Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM15-150-Q12 Datasheet(PDF) 9 Page - Murata Power Solutions Inc.

Part # SPM15-150-Q12
Description  Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

SPM15-150-Q12 Datasheet(HTML) 9 Page - Murata Power Solutions Inc.

Back Button SPM15-150-Q12 Datasheet HTML 5Page - Murata Power Solutions Inc. SPM15-150-Q12 Datasheet HTML 6Page - Murata Power Solutions Inc. SPM15-150-Q12 Datasheet HTML 7Page - Murata Power Solutions Inc. SPM15-150-Q12 Datasheet HTML 8Page - Murata Power Solutions Inc. SPM15-150-Q12 Datasheet HTML 9Page - Murata Power Solutions Inc. SPM15-150-Q12 Datasheet HTML 10Page - Murata Power Solutions Inc. SPM15-150-Q12 Datasheet HTML 11Page - Murata Power Solutions Inc. SPM15-150-Q12 Datasheet HTML 12Page - Murata Power Solutions Inc. SPM15-150-Q12 Datasheet HTML 13Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
SPM15 Series
Single Output Potted Metal Package
Isolated 15-Watt DC-DC Converters
MDC_SPM15.C03 Page 9 of 36
www.murata-ps.com/support
FUNCTIONAL SPECIFICATIONS – MODEL SPM15-050-Q12
ABSOLUTE MAXIMUM RATINGS
Conditions
Minimum
Typical/Nominal
Maximum
Units
Input Voltage, Continuous
0
36
Vdc
Input Voltage, Transient
100 mS max. duration
50
Vdc
Isolation Voltage
Input to output
1600
Vdc
On/Off Remote Control
Power on, referred to -Vin
0
15
Vdc
Output Power
1.48
15.23
W
Output Current
Current-limited, no damage, short-circuit protected
0.30
3
A
Storage Temperature Range
Vin = Zero (no power)
-55
125
˚C
Absolute maximums are stress ratings. Exposure of devices to greater than any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than those
listed in the Performance/Functional Specifications Table is not implied or recommended.
INPUT
Operating Voltage Range
9
24
36
Vdc
Recommended External Fuse
Fast blow
4
A
Start-up Threshold
Rising input voltage
8
8.6
9
Vdc
Start up Threshold
@-40°C
9.5
10.0
10.5
Vdc
Undervoltage Shutdown
Falling input voltage
7.8
8.25
9
Vdc
Internal Filter Type
C
Input Current
Full Load Input Current
Vin = nominal
0.71
0.73
A
Low Line Input Current
Vin = minimum
1.91
1.97
A
Inrush Transient
0.05
A2-Sec.
Short Circuit Input Current
50
100
mA
Minimum Load Input Current
Iout = minimum, unit=ON
105
135
mA
Shut-Down Input Current (Off, UV, OT)
12
mA
Reflected (Back) Ripple Current
Measured at input with specified filter
30
mA, p-p
GENERAL and SAFETY
Efficiency
Vin = 24V, full load
85.5
88
%
Vin = min., full load
86
87.3
%
Isolation
Isolation Voltage
Input to output
1600
Vdc
Isolation Resistance
10
Isolation Capacitance
1500
pF
Safety
Certified to UL-60950-1, CSA-C22.2 No. 60950-
1, IEC/60950-1, 2nd edition, with AM1
Yes
Calculated MTBF
Per Telcordia SR332, issue 1, class 3, ground
fixed, Tambient = +25°C
6.2
Hours x 106
DYNAMIC CHARACTERISTICS
Fixed Switching Frequency
330
350
370
KHz
Startup Time
Power on to Vout regulated
50
mS
Startup Time
Remote ON to Vout regulated
50
mS
Dynamic Load Response
50-75-50% load step, settling time to within
1% of Vout
100
150
μSec
Dynamic Load Peak Deviation
same as above
±85
±125
mV
FEATURES and OPTIONS
Remote On/Off Control
“N” suffix
Negative Logic, ON state
ON = Ground pin
-0.7
0.8
V
Negative Logic, OFF state
OFF = Pin open
10
15
V
Control Current
Open collector/drain
1
mA
“P” suffix
Positive Logic, ON state
ON = Pin open
10
15
V
Positive Logic, OFF state
OFF = Ground pin
-0.7
0.7
V
Control Current
Open collector/drain
1
mA


Similar Part No. - SPM15-150-Q12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SPM15-150-Q12 MURATA-PS-SPM15-150-Q12 Datasheet
1,010Kb / 36P
   Single Output Potted Metal Package Isolated 15-Watt DC-DC Converters
2016
More results

Similar Description - SPM15-150-Q12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SPM25 MURATA1-SPM25 Datasheet
840Kb / 20P
   Single Output Potted Metal Package Isolated 25-Watt DC-DC Converters
logo
Murata Manufacturing Co...
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
   Single Output Isolated 25-Watt DC/DC Converters
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
   Single Output Isolated 25-Watt DC/DC Converters
logo
Intronics Power, Inc.
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1500 INTRONICS-DC1500 Datasheet
165Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1600 INTRONICS-DC1600 Datasheet
172Kb / 1P
   15 Watt Triple Output DC-DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
Astrodyne Corporation
LCD15W ASTRODYNE-LCD15W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
logo
List of Unclassifed Man...
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com