Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4500-EP
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4500-EP Datasheet(HTML) 1 Page - Texas Instruments

  THS4500-EP Datasheet HTML 1Page - Texas Instruments THS4500-EP Datasheet HTML 2Page - Texas Instruments THS4500-EP Datasheet HTML 3Page - Texas Instruments THS4500-EP Datasheet HTML 4Page - Texas Instruments THS4500-EP Datasheet HTML 5Page - Texas Instruments THS4500-EP Datasheet HTML 6Page - Texas Instruments THS4500-EP Datasheet HTML 7Page - Texas Instruments THS4500-EP Datasheet HTML 8Page - Texas Instruments THS4500-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
PD
VS−
VOUT−
THS4500-EP
www.ti.com
SLOS832 – JUNE 2013
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
Check for Samples: THS4500-EP
1
FEATURES
23
Fully Differential Architecture
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
Bandwidth: 370 MHz
Controlled Baseline
Slew Rate: 2800 V/
μs
One Assembly and Test Site
IMD3: –90 dBc at 30 MHz
One Fabrication Site
OIP3: 49 dBm at 30 MHz
Available in Military (–55°C to 125°C)
Output Common-Mode Control
Temperature Range
Wide Power-Supply Voltage Range: 5 V, ±5 V,
Extended Product Life Cycle
12 V, 15 V
Extended Product-Change Notification
Input Common-Mode Range Shifted to Include
Negative Power-Supply Rail
Product Traceability
Power-Down Capability (THS4500)
Evaluation Module Available
APPLICATIONS
High Linearity Analog-to-Digital Converter
Preamplifier
Wireless Communication Receiver Chains
Single-Ended to Differential Conversion
RELATED DEVICES
Differential Line Driver
DEVICE(1)
DESCRIPTION
Active Filtering of Differential Signals
THS4500/1
370 MHz, 2800 V/
μs, VICR Includes VS–
THS4502/3
370 MHz, 2800 V/
μs, Centered VICR
THS4120/1
3.3 V, 100 MHz, 43 V/
μs, 3.7 nV/√Hz
THS4130/1
±15 V, 150 MHz, 51 V/
μs, 1.3 nV/√Hz
THS4140/1
±15 V, 160 MHz, 450 V/
μs, 6.5 nV/√Hz
THS4150/1
±15 V, 150 MHz, 650 V/
μs, 7.6 nV/√Hz
(1)
Even-numbered devices feature power-down capability.
DESCRIPTION
The THS4500 is a high-performance, fully differential amplifier from Texas Instruments. The THS4500, featuring
power-down capability, sets new performance standards for fully differential amplifiers with unsurpassed linearity,
supporting 14-bit operation through 40 MHz. Available in an MSOP-8 with PowerPAD™ package for a smaller
footprint, enhanced ac performance, and improved thermal dissipation capability.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4500-EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4500-EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com