Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500-1 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4500-1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4500-1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4500-1 Datasheet HTML 4Page - Texas Instruments THS4500-1 Datasheet HTML 5Page - Texas Instruments THS4500-1 Datasheet HTML 6Page - Texas Instruments THS4500-1 Datasheet HTML 7Page - Texas Instruments THS4500-1 Datasheet HTML 8Page - Texas Instruments THS4500-1 Datasheet HTML 9Page - Texas Instruments THS4500-1 Datasheet HTML 10Page - Texas Instruments THS4500-1 Datasheet HTML 11Page - Texas Instruments THS4500-1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
1,000
10,000
100,000
1,000,000
10,000,000
100,000,000
80
90
100
110
120
130
140
150
Continuous TJ (°C)
Wirebond Voiding Fail Mode
Electromigration Failure Mode
THS4500-EP
SLOS832 – JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 5 V (continued)
Applicable for –55ºC
≤ TJ ≤ +125ºC, RF = RG = 392 Ω, RL = 800 Ω, G = +1, and single-ended input, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
RL = 400 Ω
180
MHz
Slew rate
2 VPP Step
80
V/
μs
Minimum gain
0.92
V/V
Maximum gain
1.17
V/V
Common-mode offset voltage
-5.6
35
mV
Input bias current
VOCM = 2.5 V
3
μA
Input voltage range
1.3
3.7
V
Input impedance
25 || 1
k
Ω || pF
Maximum default voltage
VOCM left floating
2.75
V
Minimum default voltage
VOCM left floating
2.25
V
POWER SUPPLY
Specified operating voltage
15
V
Maximum quiescent current
38
mA
Minimum quiescent current
10
mA
Power-supply rejection (+PSRR)
66
dB
POWER -DOWN
Enable voltage threshold
Device enabled ON above 2.1 V
2.1
V
Disable voltage threshold
Device disabled OFF below 0.7 V
0.7
V
Power-down quiescent current
1400
μA
Input bias current
140
μA
Input impedance
50 || 1
k
Ω || pF
Turn-on time delay
1000
ns
Turn-off time delay
800
ns
(1)
See datasheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
(3)
Enhanced plastic product disclaimer applies.
(4)
Electromigration calculation is based on output switching 50% duty cycle at max load of 120 mA.
Figure 1. THS4500-EP Derating Chart
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: THS4500-EP


Similar Part No. - THS4500-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4500-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com