Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4352A3108M0 Datasheet(PDF) 3 Page - TDK Electronics

Part # B4352A3108M0
Description  Capacitors with 4-/5-pin snap-in terminals and solder pins
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4352A3108M0 Datasheet(HTML) 3 Page - TDK Electronics

  B4352A3108M0 Datasheet HTML 1Page - TDK Electronics B4352A3108M0 Datasheet HTML 2Page - TDK Electronics B4352A3108M0 Datasheet HTML 3Page - TDK Electronics B4352A3108M0 Datasheet HTML 4Page - TDK Electronics B4352A3108M0 Datasheet HTML 5Page - TDK Electronics B4352A3108M0 Datasheet HTML 6Page - TDK Electronics B4352A3108M0 Datasheet HTML 7Page - TDK Electronics B4352A3108M0 Datasheet HTML 8Page - TDK Electronics B4352A3108M0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
385 ... 500 V DC
1.1
VR
Rated capacitance CR
Capacitance tolerance
220 ... 3300 µF
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
for case diameter 35 ... 45 mm:
VR
≤ 400 V DC: tan δ ≤ 0.15
VR > 400 V DC: tan
δ ≤ 0.20
for case diameter 50 mm: tan
δ ≤ 0.20
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL
Approx. 20 nH
Useful life1)
Requirements:
85
°C; V
R; IAC,R
> 5000 h
∆C/C
≤ 20% of initial value
tan
δ
Ileak
≤ 2 times initial specified limit
≤ initial specified limit
Voltage endurance test
Post test requirements:
85
°C; V
R
2000 h
∆C/C
tan
δ
Ileak
≤ 10% of initial value
≤ 1.3 times initial specified limit
≤ initial specified limit
Vibration resistance
test
To IEC 60068-2-6, test Fc: Frequency range 10 ... 55 Hz, displacement
amplitude 0.35 mm, acceleration max. 5 g, duration 3
× 2 h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
Characteristics at low
temperature
Max. impedance
ratio at 100 Hz
VR; d = 35 ... 45 mm
VR; d = 50 mm
≤ 400 V 420 ... 450 V
385 ... 450 V
500 V
Z -25 °C / Z 20 °C
4
5
7
Z -40 °C / Z 20 °C
7
10
20
IEC climatic category
To IEC 60068-1:
VR
≤ 450 V DC: 40/085/56 ( 40 °C/+85 °C/56 days damp heat test)
VR > 450 V DC: 25/085/56 ( 25
°C/+85 °C/56 days damp heat test)
The capacitors can be operated in the temperature range of
40
°C to +85 °C but the impedance at 40 °C should be taken into
consideration.
Detail specification
Sectional specification
Similar to CECC 30301-805
IEC 60384-4
B43512, B43522
Very compact
85
°C
Page 3 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4352A3108M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43520 EPCOS-B43520 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520 EPCOS-B43520 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520 EPCOS-B43520 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
B43520A0108M000 EPCOS-B43520A0108M000 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
B43520A0128M000 EPCOS-B43520A0128M000 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B4352A3108M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
List of Unclassifed Man...
EKMM161VSN152MQ60T ETC2-EKMM161VSN152MQ60T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com