Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4352B3108M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B4352B3108M0
Description  Capacitors with 4-/5-pin snap-in terminals and solder pins
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4352B3108M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B4352B3108M0 Datasheet HTML 7Page - TDK Electronics B4352B3108M0 Datasheet HTML 8Page - TDK Electronics B4352B3108M0 Datasheet HTML 9Page - TDK Electronics B4352B3108M0 Datasheet HTML 10Page - TDK Electronics B4352B3108M0 Datasheet HTML 11Page - TDK Electronics B4352B3108M0 Datasheet HTML 12Page - TDK Electronics B4352B3108M0 Datasheet HTML 13Page - TDK Electronics B4352B3108M0 Datasheet HTML 14Page - TDK Electronics B4352B3108M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VR (V DC)
385
400
420
450
500
Case dimensions d
× l (mm)
CR (
µF)
2200
40
× 95
45
× 75
50
× 65
45
× 80
50
× 70
45
× 85
50
× 80
45
× 95
50
× 90
2700
45
× 85
50
× 80
45
× 90
50
× 80
50
× 95
3300
50
× 95
50
× 95
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
Capacitors with 50 mm case diameter are only available with 5-pin snap-in terminals.
B43512, B43522
Very compact
85
°C
Page 11 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4352B3108M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43520 EPCOS-B43520 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520 EPCOS-B43520 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520 EPCOS-B43520 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
B43520A0108M000 EPCOS-B43520A0108M000 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
B43520A0128M000 EPCOS-B43520A0128M000 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B4352B3108M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
United Chemi-Con, Inc.
EKMH500VSN332MP35T CHEMI-CON-EKMH500VSN332MP35T Datasheet
202Kb / 15P
   PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
logo
List of Unclassifed Man...
EKMM161VSN152MQ60T ETC2-EKMM161VSN152MQ60T Datasheet
143Kb / 12P
   PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com