Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDP45E60 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDP45E60
Description  Fast Switching Emitter Controlled Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP45E60 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDP45E60_14 Datasheet HTML 1Page - Infineon Technologies AG IDP45E60_14 Datasheet HTML 2Page - Infineon Technologies AG IDP45E60_14 Datasheet HTML 3Page - Infineon Technologies AG IDP45E60_14 Datasheet HTML 4Page - Infineon Technologies AG IDP45E60_14 Datasheet HTML 5Page - Infineon Technologies AG IDP45E60_14 Datasheet HTML 6Page - Infineon Technologies AG IDP45E60_14 Datasheet HTML 7Page - Infineon Technologies AG IDP45E60_14 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2013­12­05
Rev.
2.5
Page 4
IDP45E60
2 Diode forward current
IF = f(TC)
parameter:
Tj≤ 175°C
25
50
75
100
125
°C
175
TC
0
10
20
30
40
50
60
A
80
1 Power dissipation
Ptot = f (TC)
parameter: Tj ≤ 175 °C
25
50
75
100
125
°C
175
TC
0
15
30
45
60
75
90
105
120
135
150
165
W
195
3 Typ. diode forward current
IF = f (VF)
0
0.5
1
1.5
V
2.5
VF
0
20
40
60
80
100
A
140
-55°C
25°C
100°C
150°C
4 Typ. diode forward voltage
VF = f (Tj)
-60
-20
20
60
100
°C
160
Tj
1
1.2
1.4
1.6
1.8
2
V
2.4
22,5A
45A
90A


Similar Part No. - IDP45E60_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP45E60 INFINEON-IDP45E60_09 Datasheet
862Kb / 8P
   Fast Switching Diode Product
Rev.2.4 2009-09-28
More results

Similar Description - IDP45E60_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW30E60 INFINEON-IDW30E60 Datasheet
1Mb / 11P
   Fast Switching Emitter Controlled Diode
2011-11-10 revision:1.1
IDD06E60 INFINEON-IDD06E60_13 Datasheet
521Kb / 8P
   Fast Switching Emitter Controlled Diode
Rev.2.2 2007-04-24
IDB30E60 INFINEON-IDB30E60_13 Datasheet
420Kb / 8P
   Fast Switching Emitter Controlled Diode
Rev.2.4 2009-03-04
IDB30E120 INFINEON-IDB30E120_13 Datasheet
1Mb / 8P
   Fast Switching Emitter Controlled Diode
Rev.2.3 2013-07-02
IDP15E60 INFINEON-IDP15E60_13 Datasheet
643Kb / 8P
   Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.6
IDW75E60 INFINEON-IDW75E60_14 Datasheet
307Kb / 7P
   Fast Switching Emitter Controlled Diode
Rev. 2.2 20.09.2013
IDV30E60C INFINEON-IDV30E60C Datasheet
1Mb / 11P
   Fast Switching Emitter Controlled Diode
2010-07-26 revision:2.1
IDD15E60 INFINEON-IDD15E60_13 Datasheet
462Kb / 8P
   Fast Switching Emitter Controlled Diode
Rev.2.4 2013-12-05
IDW100E60 INFINEON-IDW100E60_14 Datasheet
303Kb / 7P
   Fast Switching Emitter Controlled Diode
Rev. 2.3 20.09.2013
SIDC81D120H8 INFINEON-SIDC81D120H8 Datasheet
175Kb / 8P
   Fast switching emitter controlled 3 diode chip
Revision 1.10 2022-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com