Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDL06G65C5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDL06G65C5
Description  Silicon Carbide Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDL06G65C5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDL06G65C5_13 Datasheet HTML 1Page - Infineon Technologies AG IDL06G65C5_13 Datasheet HTML 2Page - Infineon Technologies AG IDL06G65C5_13 Datasheet HTML 3Page - Infineon Technologies AG IDL06G65C5_13 Datasheet HTML 4Page - Infineon Technologies AG IDL06G65C5_13 Datasheet HTML 5Page - Infineon Technologies AG IDL06G65C5_13 Datasheet HTML 6Page - Infineon Technologies AG IDL06G65C5_13 Datasheet HTML 7Page - Infineon Technologies AG IDL06G65C5_13 Datasheet HTML 8Page - Infineon Technologies AG IDL06G65C5_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDL06G65C5
Maximum ratings
Final Data Sheet
4
Rev. 2.0, 2013-12-05
2
Maximum ratings
Table 3
Maximum ratings
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Continuous forward current
IF
6
A
TC < 130°C, D=1
Surge non-repetitive forward current,
sine halfwave
IF,SM
36
TC = 25°C, tp=10 ms
29
TC = 150°C, tp=10 ms
Non-repetitive peak forward current
IF,max
291
TC = 25°C, tp=10 µs
i²t value
∫ i²dt
6.6
A²s
TC = 25°C, tp=10 ms
4.1
TC = 150°C, tp=10 ms
Repetitive peak reverse voltage
VRRM
650
V
Tj = 25°C
Diode dv/dt ruggedness
dv/dt
100
V/ns
VR=0..480 V
Power dissipation
Ptot
78
W
TC = 25°C
Operating and storage temperature
Tj;Tstg
-55
150
°C
3
Thermal characteristics
Table 4
Thermal characteristics
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Thermal resistance, junction-case
RthJC
1.2
1.6
K/W
Thermal resistance, junction-
ambient
RthJA
45
SMD version, device on
PCB, 6cm² cooling area
1)
1) Device on 40mm*40mm*1.5mm one layer epoxy PCB FR4 with 6cm
2 copper area (thickness 70μm) for drain connection.
PCB is vertical without air stream cooling.


Similar Part No. - IDL06G65C5_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDL06G65C5 INFINEON-IDL06G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
More results

Similar Description - IDL06G65C5_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
WNSC10650T WEEN-WNSC10650T Datasheet
504Kb / 11P
   Silicon Carbide Diode
WNSC101200CW WEEN-WNSC101200CW Datasheet
426Kb / 11P
   Silicon Carbide Diode
WNSC101200W WEEN-WNSC101200W Datasheet
453Kb / 11P
   Silicon Carbide Diode
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
   Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com