Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141-EP
Description  Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2141-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLE2141-EP Datasheet HTML 2Page - Texas Instruments TLE2141-EP Datasheet HTML 3Page - Texas Instruments TLE2141-EP Datasheet HTML 4Page - Texas Instruments TLE2141-EP Datasheet HTML 5Page - Texas Instruments TLE2141-EP Datasheet HTML 6Page - Texas Instruments TLE2141-EP Datasheet HTML 7Page - Texas Instruments TLE2141-EP Datasheet HTML 8Page - Texas Instruments TLE2141-EP Datasheet HTML 9Page - Texas Instruments TLE2141-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TLE2141 OPERATING CHARACTERISTICS
TLE2141-EP
TLE2142-EP
TLE2144-EP
SLOS577 – MAY 2008........................................................................................................................................................................................................ www.ti.com
VCC = 5 V, TA = 25°C (unless otherwise noted)
TLE2141
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
SR+
Positive slew rate
AVD = –1, RL = 2 kΩ
(1), C
L = 500 pF
45
V/
µs
SR–
Negative slew rate
AVD = –1, RL = 2 kΩ
(1), C
L = 500 pF
42
V/
µs
To 0.1%
0.16
ts
Settling time
AVD = –1, 2.5-V step
µs
To 0.01%
0.22
f = 10 Hz
15
Vn
Equivalent input noise voltage
RS = 20 Ω
nV/
√Hz
f = 1 kHz
10.5
f = 0.1 Hz to 1 Hz
0.48
Peak-to-peak equivalent input
VN(PP)
µV
noise voltage
f = 0.1 Hz to 10 Hz
0.51
f = 10 Hz
1.92
In
Equivalent input noise current
pA/
√Hz
f = 1 kHz
0.5
VO = 1 V to 3 V, RL = 2 kΩ
(1), A
VD = 2,
THD+N
Total harmonic distortion plus noise
0.0052
%
f = 10 kHz
B1
Unity-gain bandwidth
RL = 2 kΩ
(1), C
L = 100 pF
(1)
5.9
MHz
Gain-bandwidth product
RL = 2 kΩ
(1), C
L = 100 pF
(1), f = 100 kHz
5.8
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 2 V, RL = 2 kΩ
(1), A
VD = 1
660
kHz
φ
m
Phase margin at unity gain
RL = 2 kΩ
(1), C
L = 100 pF
(1)
57
°
(1)
RL and CL terminated to 2.5 V.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLE2141-EP TLE2142-EP TLE2144-EP


Similar Part No. - TLE2141-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2141-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com