Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H645FNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H645FNG
Description  TTL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H645FNG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H645FNG Datasheet HTML 1Page - ON Semiconductor MC10H645FNG Datasheet HTML 2Page - ON Semiconductor MC10H645FNG Datasheet HTML 3Page - ON Semiconductor MC10H645FNG Datasheet HTML 4Page - ON Semiconductor MC10H645FNG Datasheet HTML 5Page - ON Semiconductor MC10H645FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 7
1
Publication Order Number:
MC10H645/D
MC10H645
2:1:9 TTL Clock Driver
Description
The MC10H645 is a single supply, low skew, TTL I/O 2:1:9 Clock
Driver. Devices in the H600 clock driver family utilizes the PLCC−28
for optimal power and signal pin placement.
The device features a 24 mA TTL output stage with AC
performance specified into a 50 pF load capacitance. A 2:1 input Mux
is provided on chip to allow for distributing both system and
diagnostic clock signals or designing clock redundancy into a system.
With the SEL input held LOW the DO input will be selected, while the
D1 input is selected when the SEL input is forced HIGH.
Features
Low Skew Typically 0.65 ns Within Device
Guaranteed Skew Spec 1.25 ns Part−to−Part
Input Clock Muxing
Differential ECL Internal Design
Single Supply
Extra TTL and ECL Power/Ground Pins
These Devices are Pb−Free and are RoHS Compliant*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PLCC
FN SUFFIX
CASE 776
MARKING DIAGRAM
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MC10H645G
AWLYYWW
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package


Similar Part No. - MC10H645FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H645FNG ONSEMI-MC10H645FNG Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results

Similar Description - MC10H645FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com