Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10LVEP11DG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10LVEP11DG
Description  ECL 1:2 Differential Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEP11DG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10LVEP11DG Datasheet HTML 1Page - ON Semiconductor MC10LVEP11DG Datasheet HTML 2Page - ON Semiconductor MC10LVEP11DG Datasheet HTML 3Page - ON Semiconductor MC10LVEP11DG Datasheet HTML 4Page - ON Semiconductor MC10LVEP11DG Datasheet HTML 5Page - ON Semiconductor MC10LVEP11DG Datasheet HTML 6Page - ON Semiconductor MC10LVEP11DG Datasheet HTML 7Page - ON Semiconductor MC10LVEP11DG Datasheet HTML 8Page - ON Semiconductor MC10LVEP11DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 14
1
Publication Order Number:
MC10LVEP11/D
MC10LVEP11, MC100LVEP11
2.5V / 3.3V ECL 1:2
Differential Fanout Buffer
Description
The MC10/100LVEP11 is a differential 1:2 fanout buffer. The
device is pin and functionally equivalent to the EP11 device. With AC
performance the same as the EP11 device, the LVEP11 is ideal for
applications requiring lower voltage. Single-ended CLK input
operation is limited to a VCC w 3.0 V in PECL mode, or VEE v
−3.0 V in NECL mode.
The 100 Series contains temperature compensation.
Features
240 ps Typical Propagation Delay
Maximum Frequency > 3.0 GHz Typical
PECL Mode Operating Range:
VCC = 2.375 V to 3.8 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −2.375 V to −3.8 V
Open Input Default State
Q Output Will Default LOW with Inputs Open or at VEE
LVDS Input Compatible
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
H
= MC10
A = Assembly Location
K
= MC100
L = Wafer Lot
5X
= MC10
Y= Year
4K
= MC100
W = Work Week
M = Date Code
G = Pb-Free Package
ALYWG
G
HU11
ALYWG
G
KU11
1
8
1
8
www.onsemi.com
HVP11
ALYW
G
1
8
KVP11
ALYW
G
1
8
14
(Note: Microdot may be in either location)
14
*For additional marking information, refer to
Application Note AND8002/D.
SOIC−8NB
D SUFFIX
CASE
751−07
TSSOP−8
DT SUFFIX
CASE
948R−02
1
8
1
8
DFN−8
MN SUFFIX
CASE 506AA
MARKING DIAGRAMS*
See detailed ordering and shipping information on page 9 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - MC10LVEP11DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP11DG ONSEMI-MC10LVEP11DG Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
More results

Similar Description - MC10LVEP11DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com