Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E310 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100E310
Description  5 V ECL Low Voltage 2:8 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E310 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100E310_16 Datasheet HTML 1Page - ON Semiconductor MC100E310_16 Datasheet HTML 2Page - ON Semiconductor MC100E310_16 Datasheet HTML 3Page - ON Semiconductor MC100E310_16 Datasheet HTML 4Page - ON Semiconductor MC100E310_16 Datasheet HTML 5Page - ON Semiconductor MC100E310_16 Datasheet HTML 6Page - ON Semiconductor MC100E310_16 Datasheet HTML 7Page - ON Semiconductor MC100E310_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100E310
www.onsemi.com
4
Table 4. 100E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
55
60
55
60
65
70
mA
VOH
Output HIGH Voltage (Note 2)
3915
3995
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 2)
3170
3305
3445
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage (Single-Ended)
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage (Single-Ended)
3190
3355
3525
3190
3355
3525
3190
3355
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 3)
2.7
4.6
2.7
4.6
2.7
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 5. 100E SERIES NECL DC CHARACTERISTICS (VCCx = 0 V; VEE = −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
55
60
55
60
65
70
mA
VOH
Output HIGH Voltage (Note 2)
−1085 −1005
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830 −1695 −1555 −1810 −1745 −1620 −1810 −1740 −1620
mV
VIH
Input HIGH Voltage (Single-Ended)
−1165 −1025
−880
−1165 −1025
−880
−1165 −1025
−880
mV
VIL
Input LOW Voltage (Single-Ended)
−1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 3)
−2.3
−0.4
−2.3
−0.4
−2.3
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.


Similar Part No. - MC100E310_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E310FN ONSEMI-MC100E310FN Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNG ONSEMI-MC100E310FNG Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2 ONSEMI-MC100E310FNR2 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2G ONSEMI-MC100E310FNR2G Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
More results

Similar Description - MC100E310_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E310 ONSEMI-MC100E310 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
   LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11_16 Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC10EL11 ONSEMI-MC10EL11_06 Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com