Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK04G65C5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IDK04G65C5
Description  Silicon Carbide Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDK04G65C5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IDK04G65C5_13 Datasheet HTML 3Page - Infineon Technologies AG IDK04G65C5_13 Datasheet HTML 4Page - Infineon Technologies AG IDK04G65C5_13 Datasheet HTML 5Page - Infineon Technologies AG IDK04G65C5_13 Datasheet HTML 6Page - Infineon Technologies AG IDK04G65C5_13 Datasheet HTML 7Page - Infineon Technologies AG IDK04G65C5_13 Datasheet HTML 8Page - Infineon Technologies AG IDK04G65C5_13 Datasheet HTML 9Page - Infineon Technologies AG IDK04G65C5_13 Datasheet HTML 10Page - Infineon Technologies AG IDK04G65C5_13 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDK04G65C5
Electrical characteristics diagrams
Final Data Sheet
7
Rev. 2.0, 2013-07-20
Table 9
Typ. capacitance charge vs. current slope
1)
Typ. Reverse current vs. reverse voltage
0
1
2
3
4
5
6
7
8
100
300
500
700
900
dI
F/dt [A/µs]
1.E-9
1.E-8
1.E-7
1.E-6
1.E-5
100
200
300
400
500
600
V
R [V]
QC=f(diF/dt); Tj=150°C; VR=400 V; IF≤IF,max
IR=f(VR); parameter: Tj;
1) Only capacitive charge, guaranteed by design.
Table 10
Max. transient thermal impedance
Typ. capacitance vs. reverse voltage
0.01
0.1
1
1.E-06
1.E-03
1.E+00
t
p [s]
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
0
20
40
60
80
100
120
140
160
180
0
1
10
100
1000
VR [V]
Zth,jc=f(tP); parameter: D=tP/T;
C=f(VR); Tj=25°C; f=1 MHz
-55°C
175°C
150°C
25°C
100°C


Similar Part No. - IDK04G65C5_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDK04G65C5 INFINEON-IDK04G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
More results

Similar Description - IDK04G65C5_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
WNSC10650T WEEN-WNSC10650T Datasheet
504Kb / 11P
   Silicon Carbide Diode
WNSC101200CW WEEN-WNSC101200CW Datasheet
426Kb / 11P
   Silicon Carbide Diode
WNSC101200W WEEN-WNSC101200W Datasheet
453Kb / 11P
   Silicon Carbide Diode
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
   Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com