Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3-EP Datasheet(PDF) 8 Page - Texas Instruments

Part # TSB41AB3-EP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB41AB3-EP_16 Datasheet HTML 4Page - Texas Instruments TSB41AB3-EP_16 Datasheet HTML 5Page - Texas Instruments TSB41AB3-EP_16 Datasheet HTML 6Page - Texas Instruments TSB41AB3-EP_16 Datasheet HTML 7Page - Texas Instruments TSB41AB3-EP_16 Datasheet HTML 8Page - Texas Instruments TSB41AB3-EP_16 Datasheet HTML 9Page - Texas Instruments TSB41AB3-EP_16 Datasheet HTML 10Page - Texas Instruments TSB41AB3-EP_16 Datasheet HTML 11Page - Texas Instruments TSB41AB3-EP_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
FILTER0
FILTER1
CMOS
71
72
I/O
PLL filter terminals. These terminals are connected to an external capacitor to form a lag-lead filter
required for stable operation of the internal frequency-multiplier PLL running off of the crystal
oscillator. A 0.1-
µF ± 10% capacitor is the only external component required to complete this filter.
ISO
CMOS
26
I
Link interface isolation control input. This terminal controls the operation of output differentiation
logic on the CTL and D terminals. If an optional isolation barrier of the type described in Annex J of
IEEE Std 1394-1995 is implemented between the TSB41AB3 and LLC, the ISO terminal is tied low to
enable the differentiation logic. If no isolation barrier is implemented (direct connection), or TI bus
holder isolation is implemented, the ISO terminal is tied high through a pullup to disable the
differentiation logic. For additional information see the TI application note Serial Bus Galvanic
Isolation, literature number SLLA011.
LPS
CMOS
5 V tol
19
I
Link power status input. This terminal is used to monitor the active/power status of the link layer
controller and to control the state of the PHY-LLC interface. This terminal is connected to either the
VDD supplying the LLC through a 10-kΩ resistor, or to a pulsed output which is active when the LLC is
powered. A pulsed signal is used when an isolation barrier exists between the LLC and PHY (see
Figure 8).
The LPS input is considered inactive if it is sampled low by the PHY for more than 2.6
µs (128
SYSCLK cycles), and is considered active otherwise (i.e., asserted steady high or an oscillating
signal with a low time less than 2.6
µs). The LPS input must be high for at least 21 ns in order to be
observed as high by the PHY.
When the TSB41AB3 detects that LPS is inactive, it places the PHY-LLC interface into a low-power
reset state. In the reset state, the CTL and D outputs are held in the logic zero state and the LREQ
input is ignored; however, the SYSCLK output remains active. If the LPS input remains low for more
than 26
µs (1280 SYSCLK cycles), the PHY-LLC interface is put into a low-power disabled state in
which the SYSCLK output is also held inactive. The PHY-LLC interface is placed into the disabled
state upon hardware reset.
The LLC is considered active only if both the LPS input is active and the LCtrl register bit is set to 1,
and is considered inactive if either the LPS input is inactive or the the LCtrl register bit is cleared to 0.
LREQ
CMOS
5 V tol
1
I
LLC request input. The LLC uses this input to initiate a service request to the TSB41AB3. Bus holder
is built into this terminal.
PC0
PC1
PC2
CMOS
23
24
25
I
Power class programming inputs. On hardware reset, these inputs set the default value of the power
class indicated during self-ID. Programming is done by tying the terminals high or low. See Table 9
for encoding.
PD
CMOS
5 V tol
18
I
Power-down input. A high on this terminal turns off all internal circuitry except the cable-active
monitor circuits, which control the CNA output. Asserting the PD input high also activates an internal
pull-down on the RESET terminal must to force a reset of the internal control logic.
PLLGND
Supply
74, 75
PLL circuit ground terminals. These terminals should be tied together to the low impedance circuit
board ground plane.
PLLVDD
Supply
73
PLL circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from DVDD and AVDD
internal to the device to provide noise isolation. They must be tied at a low-impedance point on the
circuit board.
RESET
CMOS
78
I
Logic reset input. Asserting this terminal low resets the internal logic. An internal pullup resistor to
VDD is provided so only an external delay capacitor is required for proper power-up operation (see
power-up reset in the Application Information section). The RESET terminal also incorporates an
internal pulldown which is activated when the PD input is asserted high. This input is otherwise a
standard logic input, and can also be driven by an open-drain type driver.
R0
R1
Bias
66
67
Current setting resistor terminals. These terminals are connected to an external resistance to set the
internal operating currents and cable driver output currents. A resistance of 6.34 k
Ω ±1% is required
to meet the IEEE Std 1394-1995 output voltage limits.
SE
CMOS
32
I
Test control input. This input is used in manufacturing test of the TSB41AB3. For normal use this
terminal is tied to GND through a 1-k
Ω pulldown resistor.


Similar Part No. - TSB41AB3-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB3-EP TI1-TSB41AB3-EP_14 Datasheet
859Kb / 56P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41AB3-EP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com