Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK02G65C5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDK02G65C5
Description  Silicon Carbide Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDK02G65C5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDK02G65C5 Datasheet HTML 1Page - Infineon Technologies AG IDK02G65C5 Datasheet HTML 2Page - Infineon Technologies AG IDK02G65C5 Datasheet HTML 3Page - Infineon Technologies AG IDK02G65C5 Datasheet HTML 4Page - Infineon Technologies AG IDK02G65C5 Datasheet HTML 5Page - Infineon Technologies AG IDK02G65C5 Datasheet HTML 6Page - Infineon Technologies AG IDK02G65C5 Datasheet HTML 7Page - Infineon Technologies AG IDK02G65C5 Datasheet HTML 8Page - Infineon Technologies AG IDK02G65C5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1) J-STD20 and JESD22
2) All devices tested under avalanche conditions for a time periode of 10ms
Final Data Sheet
2
Rev. 2.0, 2012-07-20
1
Description
Features
Revolutionary semiconductor material - Silicon Carbide
Benchmark switching behavior
No reverse recovery/ No forward recovery
Temperature independent switching behavior
High surge current capability
Pb-free lead plating; RoHS compliant
Qualified according to JEDEC
1) for target applications
Breakdown voltage tested at 4.5 mA
2)
Optimized for high temperature operation
Benefits
System efficiency improvement over Si diodes
System cost / size savings due to reduced cooling requirements
Enabling higher frequency / increased power density solutions
Higher system reliability due to lower operating temperatures
Reduced EMI
Applications
Switch mode power supply
Power factor correction
Solar inverter
Uninterruptible power supply
Table 1
Key Performance Parameters
Parameter
Value
Unit
VDC
650
V
QC; VR=400V
4
nC
EC; VR=400V
0.7
µJ
IF @ TC < 155°C
2
A
Table 2
Pin Definition
Pin 1
Pin 2
Pin 3
C
A
n.a.
Type / ordering Code
Package
Marking
Related links
IDK02G65C5
PG-TO263-2
D0265C5
www.infineon.com/sic
IDK02G65C5
5th Generation thinQ!™ SiC Schottky Diode
ThinQ!™ Generation 5 represents Infineon leading edge technology for the SiC
Schottky Barrier diodes. The Infineon proprietary diffusion soldering process,
already introduced with G3 is now combined with a new, more compact design and
thin-wafer technology. The result is a new family of products showing improved
efficiency over all load conditions, resulting from both the improved thermal
characteristics and a lower figure of merit (Qc x Vf).
The new thinQ!™ Generation 5 has been designed to complement our 650V
CoolMOS™ families: this ensures meeting the most stringent application
requirements in this voltage range.
1
2


Similar Part No. - IDK02G65C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDK02G65C5 INFINEON-IDK02G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
More results

Similar Description - IDK02G65C5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
WNSC10650T WEEN-WNSC10650T Datasheet
504Kb / 11P
   Silicon Carbide Diode
WNSC101200CW WEEN-WNSC101200CW Datasheet
426Kb / 11P
   Silicon Carbide Diode
WNSC101200W WEEN-WNSC101200W Datasheet
453Kb / 11P
   Silicon Carbide Diode
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
   Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com