Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB3-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3-EP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB41AB3-EP Datasheet HTML 3Page - Texas Instruments TSB41AB3-EP Datasheet HTML 4Page - Texas Instruments TSB41AB3-EP Datasheet HTML 5Page - Texas Instruments TSB41AB3-EP Datasheet HTML 6Page - Texas Instruments TSB41AB3-EP Datasheet HTML 7Page - Texas Instruments TSB41AB3-EP Datasheet HTML 8Page - Texas Instruments TSB41AB3-EP Datasheet HTML 9Page - Texas Instruments TSB41AB3-EP Datasheet HTML 10Page - Texas Instruments TSB41AB3-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
AGND
Supply
36, 37, 38,
39, 40, 41,
60, 61, 64,
65
Analog circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
AVDD
Supply
34, 35, 47,
48, 54, 62,
63
Analog circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from PLLVDD and DVDD
internal to the device to provide noise isolation. They are tied at a low-impedance point on the circuit
board.
CNA
CMOS
17
O
Cable not active output. This terminal is asserted high when there are no ports receiving incoming bias
voltage.
CPS
CMOS
27
I
Cable power status input. This terminal is normally connected to cable power through a 400-k
resistor. This circuit drives an internal comparator that is used to detect the presence of cable power.
This terminal is tied directly to DGND through a 1-k
Ω resistor if application does not require it to be
used.
CTL0
CTL1
CMOS
5 V tol
4
5
I/O
Control I/Os. These bidirectional signals control communication between the TSB41AB3 and the LLC.
Bus holders are built into these terminals.
C/LKON
CMOS
22
I/O
Bus manager contender programming input and link-on output. On hardware reset, this terminal is
used to set the default value of the contender status indicated during self-ID. Programming is done by
tying the terminal through a 10-k
Ω resistor to a high (contender) or low (not contender). The resistor
allows the link-on output to override the input. However, it is recommended that this terminal be
programmed low, and that the contender status be set via the C register bit.
If the TSB41AB3 is used with an LLC that has a dedicated terminal for monitoring LKON and also
setting the contender status, then a 10-k
Ω series resistor is placed on the LKON line between the PHY
and LLC to prevent bus contention.
Following hardware reset, this terminal is the link-on output, which is used to notify the LLC to
power-up and become active. The link-on output is a square-wave signal with a period of
approximately 163 ns (8 SYSCLK cycles) when active. The link-on output is otherwise driven low,
except during hardware reset when it is high impedance.
The link-on output is activated if the LLC is inactive (LPS inactive or the LCtrl bit cleared) and when one
of the following is true:
a) the PHY receives a link-on PHY packet addressed to this node
b) the PEI (port-event interrupt) register bit is 1
c) any of the CTOI (configuration-timeout interrupt), CPSI (cable-power-status interrupt), or STOI
(state-timeout interrupt) register bits are 1 and the RPIE (resuming-port interrupt enable) register
bit is also 1.
Once activated, the link-on output stays active until the LLC becomes active (both LPS active and the
LCtrl bit set). The PHY also deasserts the link-on output when a bus-reset occurs unless the link-on
output is otherwise active because one of the interrupt bits is set (i.e., the link-on output is active due
solely to the reception of a link-on PHY packet).
NOTE: If an interrupt condition exists which otherwise causes the link-on output to be activated if the
LLC were inactive, the link-on output is activated when the LLC subsequently becomes inactive.
DGND
Supply
3, 16, 20,
21, 28, 70,
80
Digital circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
D0−D7
CMOS
5 V tol
7, 8, 10,
11, 12, 13,
14, 15
I/O
Data I/Os. These are bidirectional data signals between the TSB41AB3 and the LLC. Bus holders are
built into these terminals.
DVDD
Supply
6, 29, 30,
68, 69, 79
Digital circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from PLLVDD and AVDD
internal to the device to provide noise isolation. They must be tied at a low-impedance point on the
circuit board.


Similar Part No. - TSB41AB3-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP Datasheet
859Kb / 56P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_14 Datasheet
859Kb / 56P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41AB3-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com